Electronic Components Datasheet Search |
|
SD-47271-001 Datasheet(PDF) 1 Page - Molex Electronics Ltd. |
|
SD-47271-001 Datasheet(HTML) 1 Page - Molex Electronics Ltd. |
1 / 7 page This document was generated on 05/19/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 0472711011 Status: Active Overview: displayport Description: 0.50mm (.020") Pitch DisplayPort* Plug Sub-assembly, without Latch Documents: Drawing (PDF) RoHS Certificate of Compliance (PDF) Product Specification PS-47272-001 (PDF) General Product Family I/O Connectors Series 47271 Application Wire-to-Board Comments Part meets VESA Proposed Standard, Version 1.1 Component Type I/O Plug Connector Subassembly Overview displayport Product Name DisplayPort* Type A Physical Boot Color N/A Circuits (Loaded) 20 Circuits (maximum) 20 Color - Resin Black Gender Plug Keying to Mating Part N/A Lock to Mating Part No Material - Metal Brass, High Performance Alloy (HPA) Material - Plating Mating Gold Material - Plating Termination Tin Material - Resin High Temperature Thermoplastic Number of Rows 2 Orientation Straight PC Tail Length (in) 0.000 In PC Tail Length (mm) 0.00 mm PCB Locator No PCB Retention N/A PCB Thickness Recommended (in) 0.000 In PCB Thickness Recommended (mm) 0.00 mm Packaging Type Bag Panel Mount N/A Pitch - Mating Interface (in) 0.039 In Pitch - Mating Interface (mm) 0.50 mm Pitch - Term. Interface (in) 0.039 In Pitch - Term. Interface (mm) 0.50 mm Plating min: Mating (µin) 32 Plating min: Mating (µm) 0.8 Plating min: Termination (µin) 80 Plating min: Termination (µm) 2 Polarized to Mating Part Yes Polarized to PCB N/A Ports 1 Surface Mount Compatible (SMC) Yes Temperature Range - Operating -20°C to +85°C Termination Interface: Style Surface Mount Waterproof / Dustproof No Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 47271Series Mates With 47272-0001 |
Similar Part No. - SD-47271-001 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |