Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD-47271-004 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # SD-47271-004
Description  Fixed Upper Cover for DisplayPort Cable Plug, Black, UL94V-0
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX6 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

SD-47271-004 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  SD-47271-004 Datasheet HTML 1Page - Molex Electronics Ltd. SD-47271-004 Datasheet HTML 2Page - Molex Electronics Ltd. SD-47271-004 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image


Similar Part No. - SD-47271-004

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
SD-47271-001 MOLEX6-SD-47271-001 Datasheet
420Kb / 7P
   0.50mm (.020") Pitch DisplayPort Plug Sub-assembly, without Latch
SD-47271-006 MOLEX6-SD-47271-006 Datasheet
106Kb / 3P
   DisplayPort Latch
SD-47271-008 MOLEX6-SD-47271-008 Datasheet
114Kb / 3P
   Upper Inner Shell for DisplayPort Cable Plug, Nickel overall plating, with Latch Hole
More results

Similar Description - SD-47271-004

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0472710004 MOLEX6-0472710004 Datasheet
145Kb / 3P
   Compressible Upper Cover for DisplayPort* Cable Plug, Black, UL94V- 0
0472710005 MOLEX6-0472710005 Datasheet
83Kb / 2P
   Lower Cover for DisplayPort* Cable Plug, Black, UL94V-0
0472711008 MOLEX6-0472711008 Datasheet
114Kb / 3P
   Upper Inner Shell for DisplayPort Cable Plug, Nickel overall plating, with Latch Hole
logo
Amphenol Corporation
P-MUSB-AA11-XX AMPHENOL-P-MUSB-AA11-XX Datasheet
129Kb / 2P
   FLAMMABILITY RATING UL94V-0 BLACK
logo
List of Unclassifed Man...
TRD695SCR ETC-TRD695SCR Datasheet
189Kb / 3P
   PLUG HOUSING: POLYCARBONATE, CLEAR, UL94V-0
logo
Molex Electronics Ltd.
0472713008 MOLEX6-0472713008 Datasheet
115Kb / 3P
   Upper Inner Shell for DisplayPort* Cable Plug, Nickel overall plating, without Latch holes
1733050107 MOLEX1-1733050107 Datasheet
47Kb / 1P
   SpeedField Vertical Plug, 0.80mm Pitch, 1.40mm Height, 22 Circuits, UL94V-0, Black
logo
Mechatronics, Inc.
MI4-EC12-DF MECHATRONICS-MI4-EC12-DF Datasheet
585Kb / 1P
   UL94V-0 plastic impeller
MI6-EC12-DF MECHATRONICS-MI6-EC12-DF Datasheet
584Kb / 1P
   UL94V-0 plastic impeller
MI8-EC12-DF MECHATRONICS-MI8-EC12-DF Datasheet
583Kb / 1P
   UL94V-0 plastic impeller
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com