Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD-47989-001 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # SD-47989-001
Description  1.00mm (.039") by 1.00mm (.039") Pitch rPGA 988A Notebook PC CPU Socket,with Pick-and-Place Cover
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX6 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

SD-47989-001 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  SD-47989-001 Datasheet HTML 1Page - Molex Electronics Ltd. SD-47989-001 Datasheet HTML 2Page - Molex Electronics Ltd. SD-47989-001 Datasheet HTML 3Page - Molex Electronics Ltd. SD-47989-001 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 05/14/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0479890242
Status:
Active
Description:
1.00mm (.039") by 1.00mm (.039") Pitch rPGA 988A Notebook PC CPU Socket,with
Pick-and-Place Cover, Tape-on-Reel Packaging, 988 Circuits, Lead free
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-47989-001 (PDF)
General
Product Family
Processor Sockets
Series
47989
Comments
Pick-and-Place Cap
Component Type
Socket
Product Name
rPGA988A, rPGA989
Physical
Circuits (Loaded)
988
Color - Resin
Black, Natural
Durability (mating cycles max)
30
Material - Metal
Copper Alloy
Material - Plating Mating
Gold
Material - Plating Termination
Copper, Silver, Tin
Material - Resin
High Temperature Thermoplastic
Packaging Type
Embossed Tape on Reel
Pitch - Mating Interface (in)
0.039 In
Pitch - Mating Interface (mm)
1.00 mm
Plating min: Mating (µin)
15
Plating min: Mating (µm)
0.38
Temperature Range - Operating
-20°C to +90°C
Termination Interface: Style
Solder or Weld
Electrical
Current - Maximum per Contact
.5A
Voltage - Maximum
5V
Solder Process Data
Duration at Max. Process Temperature (seconds)
10
Lead-free Process Capability
Reflow Capable (SMT only)
Max. Cycles at Max. Process Temperature
1
Process Temperature max. C
245
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-47989-001
Product Specification
PS-47989-001
Sales Drawing
SD-47989-001
Intel and Nehalem and relevant names are either trademarks or registered trademarks of Intel Corporation
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
47989Series
Mates With
Intel* Nehalem Processor
This document was generated on 05/14/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - SD-47989-001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
SD-47989-001 MOLEX6-SD-47989-001 Datasheet
352Kb / 4P
   1.00mm (.039") by 1.00mm (.039") Pitch rPGA 988B Notebook PC CPU Socket,with Pick-and-Place Cover
SD-47989-001 MOLEX6-SD-47989-001 Datasheet
348Kb / 4P
   1.00mm (.039") by 1.00mm (.039") Pitch rPGA 989 Notebook PC CPU Socket, with Mylar, Tape on Reel Packaging
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com