Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD-46007-001 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # SD-46007-001
Description  7.50mm (.295") Pitch Sabre Header, Single Row, Right Angle, 4 Circuits, PC Tail Length 3.81mm (.150"), without
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX6 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

SD-46007-001 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  SD-46007-001 Datasheet HTML 1Page - Molex Electronics Ltd. SD-46007-001 Datasheet HTML 2Page - Molex Electronics Ltd. SD-46007-001 Datasheet HTML 3Page - Molex Electronics Ltd. SD-46007-001 Datasheet HTML 4Page - Molex Electronics Ltd. SD-46007-001 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
This document was generated on 04/21/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0460071104
Status:
Active
Description:
7.50mm (.295") Pitch Sabre™ Header, Single Row, Right Angle, 4 Circuits, PC Tail
Length 3.81mm (.150"), without Snap-In Metal Pins, with Tin (Sn) Plating
Documents:
3D Model
Product Specification PSX-44441-9999 (PDF)
Packaging Specification (PDF)
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
Agency Certification
UL
E29179
General
Product Family
PCB Headers
Series
46007
Application
Wire-to-Board
Comments
Fully Polarized, Meets UL 1950 Finger Proof Standard
Product Literature Order No
USA-113
Product Name
Sabre™
Physical
Breakaway
No
Circuits (Loaded)
4
Circuits (maximum)
4
Color - Resin
Black
Durability (mating cycles max)
25
First Mate / Last Break
No
Flammability
94V-0
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Metal
Brass
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Number of Rows
1
Orientation
Right Angle
PC Tail Length (in)
0.150 In
PC Tail Length (mm)
3.81 mm
PCB Locator
No
PCB Retention
Yes
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Tray
Pitch - Mating Interface (in)
0.295 In
Pitch - Mating Interface (mm)
7.50 mm
Plating min: Mating (µin)
35
Plating min: Mating (µm)
0.88
Plating min: Termination (µin)
35
Plating min: Termination (µm)
0.88
Polarized to Mating Part
Yes
Polarized to PCB
Yes
Shrouded
Fully
Stackable
No
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
46007Series
Mates With
44441-2004


Similar Part No. - SD-46007-001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
SD-46007-001 MOLEX6-SD-46007-001 Datasheet
398Kb / 5P
   7.50mm (.295") Pitch Sabre??Header, Single Row, Right Angle, 2 Circuits, PC Tail Length 5.33mm (.210"), with Snap-In Metal Pins, Tin (Sn) Plating
SD-46007-001 MOLEX6-SD-46007-001 Datasheet
398Kb / 5P
   7.50mm (.295") Pitch Sabre Header, Single Row, Right Angle, 4 Circuits, PC Tail Length 3.81mm (.150")
SD-46007-001 MOLEX6-SD-46007-001 Datasheet
271Kb / 4P
   7.50mm (.295") Pitch Sabre Header, Single Row, Right Angle, 2 Circuits, PC Tail Length mm without
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com