Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD-47659-100 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # SD-47659-100
Description  0.50mm (.020") Pitch HDMI Receptacle, Vertical, Mounted Height 8.5mm (.335"), SMT, 0.76um (30u") Gold (Au)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX6 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

SD-47659-100 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  SD-47659-100 Datasheet HTML 1Page - Molex Electronics Ltd. SD-47659-100 Datasheet HTML 2Page - Molex Electronics Ltd. SD-47659-100 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Shielded
Yes
Voltage - Maximum
40V DC
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-47659-001
Product Specification
PS-47152-001
Sales Drawing
SD-47659-100
* High Definition Multimedia Interface and HDMI are trademarks of HDMI Licensing, LLC.
This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - SD-47659-100

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
SD-47613-001 MOLEX6-SD-47613-001 Datasheet
156Kb / 3P
   0.70mm (.028") Pitch Battery Connector, with Ribs, 8 circuits, Lead-free
SD-47630-100 MOLEX6-SD-47630-100 Datasheet
164Kb / 3P
   0.50mm (.020") Pitch HDMI Receptacle, Right Angle, Mid-Mount, 0.76um (30u") Gold (Au) Plating, Shell Nickel (Ni)
SD-47641-001 MOLEX6-SD-47641-001 Datasheet
129Kb / 2P
   10 PIN MINI USB RECEPTACLE CONNECTOR
SD-47642-001 MOLEX6-SD-47642-001 Datasheet
133Kb / 3P
   0.65mm (.026") Pitch Micro-USB B Receptacle, Mid-Mount, SMT, with Through Hole Solder Tab, Gold (Au) Flash Plating
SD-47642-001 MOLEX-SD-47642-001 Datasheet
177Kb / 2P
   MICRO USB B REC. MID MOUNT THROUGH HOLE ASSY
2008.01.04
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com