Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0441440003 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0441440003
Description  Modular Jack, Right Angle, Low Profile, SMT, 8/8
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX6 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

0441440003 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0441440003 Datasheet HTML 1Page - Molex Electronics Ltd. 0441440003 Datasheet HTML 2Page - Molex Electronics Ltd. 0441440003 Datasheet HTML 3Page - Molex Electronics Ltd. 0441440003 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0441440003
Status:
Active
Overview:
modular_plugs_jacks
Description:
Modular Jack, Right Angle, Low Profile, SMT, 8/8
Documents:
3D Model
Product Specification PS-43743-0001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E107635
General
Product Family
Modular Jacks/Plugs
Series
44144
Comments
Flush Solder Tabs
Component Type
PCB Jack
Magnetic
No
Overview
modular_plugs_jacks
Performance Category
3
Power over Ethernet (PoE)
N/A
Product Name
RJ45
Physical
Color - Resin
Black
Durability (mating cycles max)
500
Flammability
94V-0
Inverted / Top Latch
No
Lightpipes/LEDs
None
Material - Metal
Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Orientation
Right Angle (Side Entry)
PCB Retention
Yes
Packaging Type
Embossed Tape on Reel
Pitch - Mating Interface (in)
0.050 In
Pitch - Mating Interface (mm)
1.27 mm
Plating min: Mating (µin)
50
Plating min: Mating (µm)
1.25
Plating min: Termination (µin)
100
Plating min: Termination (µm)
2.5
Ports
1
Positions / Loaded Contacts
8/8
Surface Mount Compatible (SMC)
N/A
Temperature Range - Operating
-40°C to +80°C
Termination Interface: Style
Surface Mount
Wire/Cable Type
N/A
Electrical
Current - Maximum per Contact
1.5A
Shielded
No
Voltage - Maximum
125V
Solder Process Data
Duration at Max. Process Temperature (seconds)
30
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
44144Series
Mates With
FCC 68 Plugs


Similar Part No. - 0441440003

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0441440001 MOLEX6-0441440001 Datasheet
230Kb / 4P
   Modular Jack, Right Angle, Low Profile, SMT, 8/4
0441440002 MOLEX6-0441440002 Datasheet
230Kb / 4P
   Modular Jack, Right Angle, Low Profile, SMT, 8/6
0441440004 MOLEX6-0441440004 Datasheet
230Kb / 4P
   Modular Jack, Right Angle, Low Profile, SMT, 6/4
0441440005 MOLEX6-0441440005 Datasheet
230Kb / 4P
   Modular Jack, Right Angle, Low Profile, SMT, 6/6
More results

Similar Description - 0441440003

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0855025008 MOLEX9-0855025008 Datasheet
142Kb / 4P
   Modular Jack, Right Angle, Low Profile, SMT, 8/8
0437438101 MOLEX6-0437438101 Datasheet
228Kb / 4P
   Modular Jack, Right Angle, Low Profile, SMT, 8/8
0442821004 MOLEX6-0442821004 Datasheet
216Kb / 4P
   Modular Jack, Right Angle, Low Profile, Shielded, SMT, 8/8
0855425001 MOLEX9-0855425001 Datasheet
129Kb / 3P
   Modular Jack, Right Angle, Low Profile, Shielded, SMT, 8/8
0442820010 MOLEX6-0442820010 Datasheet
216Kb / 4P
   Modular Jack, Right Angle, Low Profile, Shielded, SMT, 8/8
0442820001 MOLEX6-0442820001 Datasheet
216Kb / 4P
   Modular Jack, Right Angle, Low Profile, Shielded, SMT, 8/8
0442820007 MOLEX6-0442820007 Datasheet
216Kb / 4P
   Modular Jack, Right Angle, Low Profile, Shielded, SMT, 8/8
0442820004 MOLEX6-0442820004 Datasheet
216Kb / 4P
   Modular Jack, Right Angle, Low Profile, Shielded, SMT, 8/8
0437438301 MOLEX6-0437438301 Datasheet
228Kb / 4P
   Modular Jack, Right Angle, Low Profile, SMT, 8/4
0441440001 MOLEX6-0441440001 Datasheet
230Kb / 4P
   Modular Jack, Right Angle, Low Profile, SMT, 8/4
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com