Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD-47531-001 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # SD-47531-001
Description  2.00mm (.079") Pitch Battery Connector, SMT, Contact Width 0.67mm (.026"), with Mylar, 4 Circuits
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX6 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

SD-47531-001 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  SD-47531-001 Datasheet HTML 1Page - Molex Electronics Ltd. SD-47531-001 Datasheet HTML 2Page - Molex Electronics Ltd. SD-47531-001 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0475310011
Status:
Active
Overview:
battery_connectors
Description:
2.00mm (.079") Pitch Battery Connector, SMT, Contact Width 0.67mm (.026"), with
Mylar, 4 Circuits
Documents:
3D Model
Product Specification PS-47531-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
PCB Headers
Series
47531
Application
Board-to-Board
Overview
battery_connectors
Product Name
Battery Connector
Physical
Breakaway
No
Circuits (Loaded)
4
Circuits (maximum)
4
Durability (mating cycles max)
10,000
First Mate / Last Break
No
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
None
Material - Metal
Copper Alloy
Material - Plating Mating
Gold
Material - Plating Termination
Gold
Material - Resin
High Temperature Thermoplastic
Number of Rows
1
Orientation
Right Angle
PC Tail Length (in)
0.000 In
PC Tail Length (mm)
0.00 mm
PCB Locator
No
PCB Retention
None
Packaging Type
Embossed Tape on Reel
Pitch - Mating Interface (in)
0.079 In
Pitch - Mating Interface (mm)
2.00 mm
Pitch - Term. Interface (in)
0.079 In
Pitch - Term. Interface (mm)
2.00 mm
Plating min: Mating (µin)
30
Plating min: Mating (µm)
0.75
Plating min: Termination (µin)
3
Plating min: Termination (µm)
0.08
Polarized to Mating Part
Yes
Polarized to PCB
No
Shrouded
No
Stackable
Yes
Temperature Range - Operating
-40°C to +85°C
Termination Interface: Style
Surface Mount
Electrical
Current - Maximum per Contact
1A
Voltage - Maximum
200V (RMS)
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
47531Series


Similar Part No. - SD-47531-001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
SD-47507-001 MOLEX6-SD-47507-001 Datasheet
153Kb / 3P
   2.00mm (.079") Pitch Battery Connector with side Fitting Nails
SD-47550-002 MOLEX-SD-47550-002 Datasheet
262Kb / 1P
   1.30MM HEIGHT BLOCK SIM CONNECTOR
REV:A
SD-47553-101 MOLEX-SD-47553-101 Datasheet
296Kb / 2P
   PUSG PUSH 6 PINS SIM WITH DETECT PIN&POST SALES DRAWING
2007/08/30
SD-47553-201 MOLEX6-SD-47553-201 Datasheet
171Kb / 3P
   1.27mm (.050") Pitch SIM Card Holder with Detect Pins, 6 Circuits, Push- Push Style, Housing Height 1.80mm
SD-47578-006 MOLEX6-SD-47578-006 Datasheet
83Kb / 2P
   Cover for Mobile Phone Camera Socket
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com