Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD-46557-001 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # SD-46557-001
Description  1.27mm (.050") by 1.27mm (.050") Pitch SEARAY Slim Receptacle, 120 Circuits, 5.00mm (.196") Unmated Height
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX6 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

SD-46557-001 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  SD-46557-001 Datasheet HTML 1Page - Molex Electronics Ltd. SD-46557-001 Datasheet HTML 2Page - Molex Electronics Ltd. SD-46557-001 Datasheet HTML 3Page - Molex Electronics Ltd. SD-46557-001 Datasheet HTML 4Page - Molex Electronics Ltd. SD-46557-001 Datasheet HTML 5Page - Molex Electronics Ltd. SD-46557-001 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
This document was generated on 04/14/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0465573145
Status:
Active
Description:
1.27mm (.050") by 1.27mm (.050") Pitch SEARAY* Slim Receptacle, 120 Circuits,
5.00mm (.196") Unmated Height, 4 Rows, With Pegs, Solder Charge™ Lead Free
Documents:
3D Model
Product Specification PS-45970-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Receptacles
Series
46557
Application
Board-to-Board
Product Name
SEARAY*
Physical
Circuits (Loaded)
120
Circuits (maximum)
120
Circuits Detail
120
Color - Resin
Black
Durability (mating cycles max)
100
Flammability
94V-0
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
No
Material - Metal
Copper Alloy
Material - Plating Mating
Gold, Nickel
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Number of Rows
4
Orientation
Vertical
PC Tail Length (in)
0.086 In
PC Tail Length (mm)
2.18 mm
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.57 mm
Packaging Type
Embossed Tape on Reel
Pitch - Mating Interface (in)
0.050 In
Pitch - Mating Interface (mm)
1.27 mm
Pitch - Term. Interface (in)
0.050 In
Pitch - Term. Interface (mm)
1.27 mm
Plating min: Mating (µin)
30
Plating min: Mating (µm)
0.75
Plating min: Termination (µin)
100
Plating min: Termination (µm)
2.5
Polarized to Mating Part
Yes
Polarized to PCB
Yes
Robotic Placement
Pick and Place Cap
Stackable
No
Surface Mount Compatible (SMC)
No
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
46557Series
Mates With
46556 Searay* Slim Plug Connector


Similar Part No. - SD-46557-001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
SD-46557-001 MOLEX6-SD-46557-001 Datasheet
348Kb / 6P
   1.27mm (.050") by 1.27mm (.050") Pitch SEARAY* Slim Receptacle
SD-46557-001 MOLEX6-SD-46557-001 Datasheet
355Kb / 6P
   1.27mm (.050") by 1.27mm (.050") Pitch SEARAY* Slim Receptacle
SD-46557-001 MOLEX6-SD-46557-001 Datasheet
355Kb / 6P
   1.27mm (.050") by 1.27mm (.050") Pitch SEARAY Slim Receptacle, 120 Circuits, 5.00mm (.196") Unmated Height
SD-46557-001 MOLEX6-SD-46557-001 Datasheet
355Kb / 6P
   1.27mm (.050") by 1.27mm (.050") Pitch SEARAY Slim Receptacle, 100 Circuits, 6.50mm (.255") Unmated Height
SD-46557-001 MOLEX6-SD-46557-001 Datasheet
355Kb / 6P
   1.27mm (.050") by 1.27mm (.050") Pitch SEARAY Slim Receptacle, 160 Circuits, 8.00mm (.236") Unmated
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com