Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

44478-1211 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 44478-1211
Description  Mini-Fit HCS Crimp Terminal, 18-20 AWG, Reel, Copper (Cu) Alloy, Gold (Au) Selective
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX6 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

44478-1211 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  44478-1211 Datasheet HTML 1Page - Molex Electronics Ltd. 44478-1211 Datasheet HTML 2Page - Molex Electronics Ltd. 44478-1211 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 05/27/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0444781211
Status:
Active
Overview:
minifit_plus_hcs
Description:
Mini-Fit HCS™ Crimp Terminal, 18-20 AWG, Reel, Copper (Cu) Alloy, Gold (Au)
Selective
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Crimp Terminals
Series
44478
Comments
High Current
Crimp Quality Equipment
Yes
Overview
minifit_plus_hcs
Product Name
Mini-Fit HCS™
Physical
Gender
Male
Material - Metal
High Performance Alloy (HPA)
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Packaging Type
Reel
Plating min: Mating (µin)
30.4
Plating min: Mating (µm)
0.76
Plating min: Termination (µin)
101.6
Plating min: Termination (µm)
2.54
Termination Interface: Style
Crimp or Compression
Wire Insulation Diameter
1.30-3.10mm (.051-.122")
Wire Size AWG
18, 20
Wire Size mm²
N/A
Electrical
Current - Maximum per Contact
11A
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-44478-001
Product Specification
RPS-44476-001
Sales Drawing
SD-44478-****
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
44478Series
Use With
5559 , 30068 , 42475
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Hand Crimp Tool for
Mini-Fit™ Jr. Male
and Female Crimp
Terminals, 16-24
AWG
0638190900
Extraction Tool
0011030044
T2 Terminator
Tooling Die
0639102900
FineAdjust™
Applicator for Mini-Fit
Jr.™, Mini-Fit HCS™
0639015600


Similar Part No. - 44478-1211

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
44478-1111 MOLEX6-44478-1111 Datasheet
170Kb / 3P
   Mini-Fit HCS Crimp Terminal, 18-20 AWG, Reel, Copper (Cu) Alloy, Tin (Sn)
44478-1112 MOLEX6-44478-1112 Datasheet
168Kb / 2P
   Mini-Fit HCS Crimp Terminal, 18-20 AWG, Bag, Copper (Cu) Alloy, Tin (Sn)
44478-1605 MOLEX-44478-1605 Datasheet
237Kb / 2P
   MICRO FIT (3.0) DUAL ROW RIGHT ANGLE BMI HEADER ASSY
2016/02/15
44478-1805 MOLEX-44478-1805 Datasheet
237Kb / 2P
   MICRO FIT (3.0) DUAL ROW RIGHT ANGLE BMI HEADER ASSY
2016/02/15
44478-1806 MOLEX-44478-1806 Datasheet
237Kb / 2P
   MICRO FIT (3.0) DUAL ROW RIGHT ANGLE BM HEADER ASSY
2016/02/15
More results

Similar Description - 44478-1211

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0457501211 MOLEX1-0457501211_18 Datasheet
33Kb / 1P
   Mini-Fit Plus Crimp Terminal, 18-20 AWG, Reel, Copper (Cu) Alloy, Gold (Au) Selective
0444781111 MOLEX6-0444781111 Datasheet
170Kb / 3P
   Mini-Fit HCS Crimp Terminal, 18-20 AWG, Reel, Copper (Cu) Alloy, Tin (Sn)
0444761111 MOLEX6-0444761111 Datasheet
150Kb / 3P
   Mini-Fit HCS Crimp Terminal 44476, 18-20 AWG, Reel, Copper (Cu) Alloy, Tin (Sn)
0457501212 MOLEX1-0457501212_18 Datasheet
33Kb / 1P
   Mini-Fit Plus Crimp Terminal, 18-20 AWG, Bag, Copper (Cu) Alloy, Gold (Au) Selective
0457503211 MOLEX1-0457503211_18 Datasheet
33Kb / 1P
   Mini-Fit Plus Crimp Terminal, 16 AWG, Reel, Copper (Cu) Alloy, Gold (Au) Selective
44476-1111 MOLEX11-44476-1111 Datasheet
64Kb / 2P
   Mini-Fit짰 HCS Crimp Terminal, 18-20 AWG, Reel, Copper (Cu) Alloy, Tin (Sn)
0444781112 MOLEX6-0444781112 Datasheet
168Kb / 2P
   Mini-Fit HCS Crimp Terminal, 18-20 AWG, Bag, Copper (Cu) Alloy, Tin (Sn)
0444783111 MOLEX6-0444783111 Datasheet
170Kb / 3P
   Mini-Fit HCS??Crimp Terminal, 16 AWG, Reel, Copper (Cu) Alloy, Tin (Sn)
0444761112 MOLEX6-0444761112 Datasheet
148Kb / 2P
   Mini-Fit HCS Crimp Terminal 44476, 18-20 AWG, Bag, Copper (Cu) Alloy, Tin (Sn)
0457501111 MOLEX1-0457501111_18 Datasheet
33Kb / 1P
   Mini-Fit Plus Crimp Terminal, 18-20 AWG, Reel, Copper (Cu) Alloy, Tin (Sn)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com