Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

47151-1061 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 47151-1061
Description  0.50mm (.020") Pitch HDMI Receptacle, Right Angle, Front Solder Tab Length 1.80mm (.071"), Contact 0.76um
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX6 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

47151-1061 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  47151-1061 Datasheet HTML 1Page - Molex Electronics Ltd. 47151-1061 Datasheet HTML 2Page - Molex Electronics Ltd. 47151-1061 Datasheet HTML 3Page - Molex Electronics Ltd. 47151-1061 Datasheet HTML 4Page - Molex Electronics Ltd. 47151-1061 Datasheet HTML 5Page - Molex Electronics Ltd. 47151-1061 Datasheet HTML 6Page - Molex Electronics Ltd. 47151-1061 Datasheet HTML 7Page - Molex Electronics Ltd. 47151-1061 Datasheet HTML 8Page - Molex Electronics Ltd. 47151-1061 Datasheet HTML 9Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0471511061
Status:
Active
Overview:
high_definition_multimedia_interface_hdmi
Description:
0.50mm (.020") Pitch HDMI* Receptacle, Right Angle, Front Solder Tab Length
1.80mm (.071"), Contact 0.76µm (30µ") Gold (Au) Plated, with Back Cover and Mylar,
without Upper Flange, Tape and Reel Package, BlackHousing, Lead Free
Documents:
3D Model
Product Specification PS-47152-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
I/O Connectors
Series
47151
Application
Wire-to-Board
Component Type
Receptacle
Overview
high_definition_multimedia_interface_hdmi
Product Name
HDMI
Type
N/A
Physical
Boot Color
N/A
Circuits (Loaded)
19
Color - Resin
Black
Gender
Male
Keying to Mating Part
Yes
Lock to Mating Part
Yes
Material - Metal
Copper Alloy
Material - Plating Mating
Gold
Material - Plating Termination
Tin-Bismuth
Number of Rows
2
Orientation
Right Angle
PCB Locator
No
PCB Retention
Yes
Packaging Type
Embossed Tape on Reel
Panel Mount
Without Flange
Pitch - Mating Interface (in)
0.020 In
Pitch - Mating Interface (mm)
0.50 mm
Pitch - Term. Interface (in)
0.020 In
Pitch - Term. Interface (mm)
0.50 mm
Plating min: Mating (µin)
30
Plating min: Mating (µm)
0.76
Plating min: Termination (µin)
40
Plating min: Termination (µm)
1
Polarized to Mating Part
Yes
Polarized to PCB
Yes
Ports
1
Temperature Range - Operating
-20°C to +85°C
Termination Interface: Style
Surface Mount
Waterproof / Dustproof
No
Wire Size AWG
N/A
Electrical
Current - Maximum per Contact
.5A
Shielded
Yes
Voltage - Maximum
40V DC
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
47151Series
Mates With
88768 HDMI cable assembly, 88764 HDMI
Adapter, 88767 HDMIAdapter


Similar Part No. - 47151-1061

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
47151-1062 MOLEX6-47151-1062 Datasheet
722Kb / 10P
   0.50mm (.020") Pitch HDMI* Receptacle, Right Angle, Front Solder Tab Length 1.80mm (.071"), Contact 0.38關m (15關") Gold (Au) Plated, with BackCover, without Mylar
47151-1065 MOLEX6-47151-1065 Datasheet
721Kb / 10P
   0.50mm (.020") Pitch HDMI Receptacle, Right Angle, Gold (Au) Flash Plating, Front Solder Tab Length
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com