Electronic Components Datasheet Search |
|
48203-6042 Datasheet(PDF) 1 Page - Molex Electronics Ltd. |
|
48203-6042 Datasheet(HTML) 1 Page - Molex Electronics Ltd. |
1 / 3 page This document was generated on 03/31/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 0482036042 Status: Active Description: High Density, DDC Compatible D-Subminiature Shielded I/O PCB Female Receptacle, Right Angle, Through Hole, Full 15 Circuits, Flush Insert only, Black Housing, 0.76µm (30µ") Gold (Au) Plating, Lead Free Documents: 3D Model Product Specification PS-48203-001 (PDF) Drawing (PDF) RoHS Certificate of Compliance (PDF) General Product Family I/O Connectors Series 48203 Application Wire-to-Board Component Type Receptacle Product Name D-Sub, DB15 Type N/A Physical Boot Color N/A Circuits (Loaded) 15 Circuits (maximum) 15 Color - Resin Black Gender Receptacle Lock to Mating Part No Material - Metal Phosphor Bronze Material - Plating Mating Gold Material - Plating Termination Tin Material - Resin Polyester Number of Rows 3 Orientation Right Angle PC Tail Length (in) 0.138 In PC Tail Length (mm) 3.50 mm PCB Locator Yes PCB Retention Yes PCB Thickness Recommended (in) 0.063 In PCB Thickness Recommended (mm) 1.60 mm Packaging Type Tray Panel Mount Yes Pitch - Mating Interface (in) 0.090 In Pitch - Mating Interface (mm) 2.29 mm Pitch - Term. Interface (in) 0.090 In Pitch - Term. Interface (mm) 2.29 mm Plating min: Mating (µin) 30 Plating min: Mating (µm) 0.76 Plating min: Termination (µin) 100 Plating min: Termination (µm) 2.54 Polarized to Mating Part Yes Polarized to PCB Yes Ports 1 Surface Mount Compatible (SMC) No Temperature Range - Operating -40°C to +85°C Termination Interface: Style Through Hole Waterproof / Dustproof No Wire Size AWG N/A Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 48203Series Mates With 48202 |
Similar Part No. - 48203-6042 |
|
Similar Description - 48203-6042 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |