Electronic Components Datasheet Search |
|
44620-0003 Datasheet(PDF) 1 Page - Molex Electronics Ltd. |
|
44620-0003 Datasheet(HTML) 1 Page - Molex Electronics Ltd. |
1 / 6 page This document was generated on 05/24/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 0446200003 Status: Active Overview: modular_plugs_jacks Description: Modular Jack, Right Angle, Low Profile, Inverted, 8/8 Documents: Drawing (PDF) Application Specification (PDF) Packaging Specification (PDF) Product Specification PS-43860-003 (PDF) 3D Model RoHS Certificate of Compliance (PDF) Agency Certification CSA LR19980 UL E107635 General Product Family Modular Jacks/Plugs Series 44620 Comments RJ-11 Keepout Feature Component Type PCB Jack Magnetic No Overview modular_plugs_jacks Performance Category 3 Power over Ethernet (PoE) N/A Product Name RJ45 Physical Boot Color N/A Color - Resin Black Durability (mating cycles max) 500 Flammability 94V-0 Inverted / Top Latch Yes Lightpipes/LEDs None Material - Metal Brass, Phosphor Bronze Material - Plating Mating Gold Material - Plating Termination Tin Material - Resin High Temperature Thermoplastic Orientation Right Angle (Side Entry) PCB Locator Yes PCB Retention Yes PCB Thickness Recommended (in) 0.062 In PCB Thickness Recommended (mm) 1.60 mm Packaging Type Tray Panel Mount With Flange Plating min: Mating (µin) 50 Plating min: Mating (µm) 1.25 Plating min: Termination (µin) 100 Plating min: Termination (µm) 2.5 Ports 1 Positions / Loaded Contacts 8/8 Surface Mount Compatible (SMC) Yes Temperature Range - Operating -40°C to +85°C Termination Interface: Style Through Hole Waterproof / Dustproof No Wire/Cable Type N/A Electrical Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 44620Series Mates With FCC 68 Plugs |
Similar Part No. - 44620-0003 |
|
Similar Description - 44620-0003 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |