Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

44432-0601 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # 44432-0601
Description  3.00mm (.118") Pitch Micro-Fit 3.0 BMI??Header, Surface Mount Compatible, Dual Row, Vertical, with PCB Polarizing Peg, 6 Circuits, Tin (Sn) Plating
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX6 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

44432-0601 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  44432-0601 Datasheet HTML 1Page - Molex Electronics Ltd. 44432-0601 Datasheet HTML 2Page - Molex Electronics Ltd. 44432-0601 Datasheet HTML 3Page - Molex Electronics Ltd. 44432-0601 Datasheet HTML 4Page - Molex Electronics Ltd. 44432-0601 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image


Similar Part No. - 44432-0601

ManufacturerPart #DatasheetDescription
logo
MolexKits
44432-0601 MOLEXKITS-44432-0601 Datasheet
43Kb / 5P
   Includes EBBI 50D, SPOX BMI, Micro-Fit 3.0 BMI, Mini-Fit BMI Product Families.Pitches range: 1.27mm (.050)" - 4.2mm (.165)"||" "346963
Sealed Bayonet-Style Plug Receptacle and Cable
logo
Molex Electronics Ltd.
44432-0601 MOLEX-44432-0601 Datasheet
175Kb / 2P
   MICRO FIT (3.0) DUAL ROW VERTICAL BMI HEADER ASSY
2016/04/13
44432-0601 MOLEX-44432-0601 Datasheet
175Kb / 2P
   MICRO FIT (3.0) DUAL ROW VERTICAL BMI HEADER ASSY
2016/04/13
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com