Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

44914-0403 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 44914-0403
Description  3.00mm (.118") Pitch Micro-Fit 3.0 CPI Header, Dual Row, Vertical, Compliant Pin Interface, 4 Circuits, LCP
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX6 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

44914-0403 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  44914-0403 Datasheet HTML 1Page - Molex Electronics Ltd. 44914-0403 Datasheet HTML 2Page - Molex Electronics Ltd. 44914-0403 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 05/24/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0449140403
Status:
Active
Overview:
microfit_30
Description:
3.00mm (.118") Pitch Micro-Fit 3.0 CPI™ Header, Dual Row, Vertical, Compliant Pin
Interface, 4 Circuits, LCP, Glass-Filled, UL 94V-0, 0.76µm (30µ") Gold (Au) Selective
Contact Plating, Tin/Lead (Sn/Pb) Plated Tails, Glow Wire Compatible
Documents:
3D Model
Product Specification PS-43045 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
TUV
R72081037
UL
E29179
General
Product Family
PCB Headers
Series
44914
Application
Wire-to-Board
Application Tooling Part Link
622008400
Comments
Glow Wire Equivalent Part Number 449140403 . High
Temperature, Square Pin
Overview
microfit_30
Product Literature Order No
USA-106
Product Name
Micro-Fit 3.0 CPI™
Physical
Breakaway
No
Circuits (Loaded)
4
Circuits (maximum)
4
Durability (mating cycles max)
30
Flammability
94V-0
Glow-Wire Compliant
Yes
Lock to Mating Part
Yes
Material - Metal
High Performance Alloy (HPA)
Material - Plating Mating
Gold
Material - Plating Termination
90/10 Tin Lead
Number of Rows
2
Orientation
Vertical
PCB Locator
Yes
PCB Retention
Yes
Packaging Type
Tray
Pitch - Mating Interface (in)
0.118 In
Pitch - Mating Interface (mm)
3.00 mm
Plating min: Mating (µin)
30
Plating min: Mating (µm)
0.75
Plating min: Termination (µin)
50
Plating min: Termination (µm)
1.25
Polarized to Mating Part
Yes
Polarized to PCB
Yes
Shrouded
Fully
Stackable
No
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-40°C to +105°C
Termination Interface: Style
Through Hole - Compliant Pin
Series
image - Reference only
EU RoHS
China RoHS
RoHS Compliant by
Exemption
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
44914Series
Mates With
43025-0400 Receptacle
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Micro-Fit™
Compliant Pin
Insertion Flat Rock
Tool
0622008400


Similar Part No. - 44914-0403

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
44914-0403 MOLEX-44914-0403 Datasheet
256Kb / 2P
   3.00mm (.118?? Pitch Micro-Fit 3.0, CPI??Micro-Fit 3.0, BMI??CPI Vertical Headers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com