Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

45985-6261 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # 45985-6261
Description  1.27mm (.050"), 12.00mm (.472") Pitch, EXTreme LPHPower Header, Right Angle, 6 Power Contacts
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX6 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

45985-6261 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  45985-6261 Datasheet HTML 1Page - Molex Electronics Ltd. 45985-6261 Datasheet HTML 2Page - Molex Electronics Ltd. 45985-6261 Datasheet HTML 3Page - Molex Electronics Ltd. 45985-6261 Datasheet HTML 4Page - Molex Electronics Ltd. 45985-6261 Datasheet HTML 5Page - Molex Electronics Ltd. 45985-6261 Datasheet HTML 6Page - Molex Electronics Ltd. 45985-6261 Datasheet HTML 7Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image


Similar Part No. - 45985-6261

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
45985-6262 MOLEX6-45985-6262 Datasheet
471Kb / 7P
   1.27mm (.050"), 12.00mm (.472") Pitch, EXTreme LPHPower Header, Right Angle, 6 Power Contacts, 32 Signal Contacts
45985-6263 MOLEX6-45985-6263 Datasheet
471Kb / 7P
   1.27mm (.050"), 12.00mm (.472") Pitch, EXTreme LPHPower??Header, Right Angle, 6Power Contacts, 32 Signal Contacts, Select Gold (Au) Plating, for 1.57mm (.062") Thick PC Board, with Guide Pockets
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com