Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

0475860001 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part No. 0475860001
Description  Camera Socket for Mobile Phone, Top Mount, Side Contact, 6.5x6.5 Camera Module
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOLEX6 [Molex Electronics Ltd.]
Homepage  http://www.molex.com
Logo 

0475860001 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 04/21/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0475860001
Status:
Active
Description:
Camera Socket for Mobile Phone, Top Mount, Side Contact, 6.5x6.5 Camera Module
Documents:
3D Model
Product Specification PS-47586-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Other Sockets
Series
47586
Component Type
Socket
Product Name
Camera Socket
Physical
Circuits (Loaded)
24
Circuits (maximum)
24
Durability (mating cycles max)
Contact Molex
Entry Angle
Vertical (Top Entry)
Keying to Mating Part
Yes
Material - Metal
Copper Alloy
Material - Plating Mating
Gold
Material - Plating Termination
Gold
Material - Resin
High Temperature Thermoplastic
PCB Locator
No
PCB Retention
N/A
Packaging Type
Embossed Tape on Reel
Pitch - Mating Interface (in)
0.035 In
Pitch - Mating Interface (mm)
0.90 mm
Pitch - Term. Interface (in)
0.035 In
Pitch - Term. Interface (mm)
0.90 mm
Plating min: Mating (µin)
12
Plating min: Mating (µm)
0.3
Plating min: Termination (µin)
1
Plating min: Termination (µm)
0.025
Temperature Range - Operating
N/A
Termination Interface: Style
Surface Mount
Electrical
Current - Maximum per Contact
Contact Molex
Voltage - Maximum
N/A
Material Info
Reference - Drawing Numbers
Product Specification
PS-47586-001
Sales Drawing
SD-47586-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
47586Series
Mates With
Camera Module
Use With
47586-0004 Cap
This document was generated on 04/21/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn