Electronic Components Datasheet Search |
|
44472-0252 Datasheet(PDF) 1 Page - Molex Electronics Ltd. |
|
44472-0252 Datasheet(HTML) 1 Page - Molex Electronics Ltd. |
1 / 5 page This document was generated on 04/21/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 0444720252 Status: Active Description: 4.20mm (.165") Pitch Mini-Fit HCS™ Header, Dual Row, Vertical, with Snap-in Plastic Peg PCB Lock, 2 Circuits, PA Polyamide Nylon 6/6 94V-2, with Drain Holes Documents: 3D Model Product Specification PS-44476-001 (PDF) Drawing (PDF) RoHS Certificate of Compliance (PDF) Packaging Specification (PDF) Agency Certification CSA LR19980 UL E29179 General Product Family PCB Headers Series 44472 Application Wire-to-Board Comments Square Pin|Solder Type Product Name Mini-Fit HCS™ Physical Breakaway No Circuits (Loaded) 2 Circuits (maximum) 2 Color - Resin Natural Durability (mating cycles max) 30 Flammability 94V-2 Glow-Wire Compliant No Material - Metal High Performance Alloy (HPA) Material - Plating Mating Tin Material - Plating Termination Tin Material - Resin Nylon Number of Rows 2 Orientation Vertical PCB Locator Yes PCB Retention Yes PCB Thickness Recommended (in) 0.070 In PCB Thickness Recommended (mm) 1.80 mm Packaging Type Tray Pitch - Mating Interface (in) 0.165 In Pitch - Mating Interface (mm) 4.20 mm Plating min: Mating (µin) 101.6 Plating min: Mating (µm) 2.54 Plating min: Termination (µin) 101.6 Plating min: Termination (µm) 2.54 Polarized to PCB Yes Shrouded Partial Stackable No Surface Mount Compatible (SMC) No Temperature Range - Operating -40°C to +105°C Termination Interface: Style Through Hole Electrical Current - Maximum per Contact 11A Voltage - Maximum 600V Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 44472Series Mates With 5557d |
Similar Part No. - 44472-0252 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |