Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

43860-0005 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 43860-0005
Description  Modular Jack, Right Angle, Low Profile, Inverted, Shielded, All Panel Grounding Tabs, 6/6
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX6 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

43860-0005 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  43860-0005 Datasheet HTML 1Page - Molex Electronics Ltd. 43860-0005 Datasheet HTML 2Page - Molex Electronics Ltd. 43860-0005 Datasheet HTML 3Page - Molex Electronics Ltd. 43860-0005 Datasheet HTML 4Page - Molex Electronics Ltd. 43860-0005 Datasheet HTML 5Page - Molex Electronics Ltd. 43860-0005 Datasheet HTML 6Page - Molex Electronics Ltd. 43860-0005 Datasheet HTML 7Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0438600005
Status:
Active
Overview:
modular_plugs_jacks
Description:
Modular Jack, Right Angle, Low Profile, Inverted, Shielded, All Panel Grounding Tabs,
6/6
Documents:
Packaging Specification (PDF)
Drawing (PDF)
3D Model
Product Specification PS-43860-003 (PDF)
Application Specification (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E107635
General
Product Family
Modular Jacks/Plugs
Series
43860
Component Type
PCB Jack
Magnetic
No
Overview
modular_plugs_jacks
Performance Category
3
Power over Ethernet (PoE)
N/A
Product Name
RJ11
Physical
Boot Color
N/A
Color - Resin
Black
Durability (mating cycles max)
500
Flammability
94V-0
Inverted / Top Latch
Yes
Lightpipes/LEDs
None
Material - Metal
Brass, Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Orientation
Right Angle (Side Entry)
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Tray
Panel Mount
With Flange
Pitch - Mating Interface (in)
0.040 In
Pitch - Mating Interface (mm)
1.02 mm
Plating min: Mating (µin)
50
Plating min: Mating (µm)
1.25
Plating min: Termination (µin)
100
Plating min: Termination (µm)
2.5
Ports
1
Positions / Loaded Contacts
6/6
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-40°C to +85°C
Termination Interface: Style
Through Hole
Waterproof / Dustproof
No
Wire/Cable Type
N/A
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
43860Series
Mates With
FCC 68 Plugs


Similar Part No. - 43860-0005

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
43860-0001 MOLEX6-43860-0001 Datasheet
668Kb / 7P
   Modular Jack, Right Angle, Low Profile, Inverted, 8/8
43860-0002 MOLEX6-43860-0002 Datasheet
666Kb / 7P
   Modular Jack, Right Angle, Low Profile, Inverted, 6/6
43860-0003 MOLEX6-43860-0003 Datasheet
733Kb / 8P
   Modular Jack, Right Angle, Low Profile, Inverted, 6/4
43860-0004 MOLEX6-43860-0004 Datasheet
668Kb / 7P
   Modular Jack, Right Angle, Low Profile, Inverted, Shielded, All Panel Grounding Tabs, 8/8
43860-0006 MOLEX6-43860-0006 Datasheet
668Kb / 7P
   Modular Jack, Right Angle, Low Profile, Inverted, Shielded, All Panel Grounding Tabs, 6/4
More results

Similar Description - 43860-0005

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0438601011 MOLEX6-0438601011 Datasheet
669Kb / 7P
   Modular Jack, Right Angle, Low Profile, Inverted, Shielded, All Panel Grounding Tabs, Lightpipes, 6/6
0443800011 MOLEX6-0443800011 Datasheet
620Kb / 7P
   Modular Jack, Right Angle, Low Profile, Inverted, 6/6, Shielded, with All Panel Grounding Tabs
0443801011 MOLEX6-0443801011 Datasheet
620Kb / 7P
   Modular Jack, Right Angle, Low Profile, Inverted, 6/6, Shielded, with All Panel Grounding Tabs
0438600011 MOLEX6-0438600011 Datasheet
669Kb / 7P
   Modular Jack, Right Angle, Low Profile, Inverted, Shielded, All Panel Grounding Tabs, Lightpipes, 6/6
0443800005 MOLEX6-0443800005 Datasheet
620Kb / 7P
   Modular Jack, Right Angle, Low Profile, Inverted, 6/6, Shielded, with All Panel Grounding Tabs
0438600024 MOLEX6-0438600024 Datasheet
668Kb / 7P
   Modular Jack, Right Angle, Low Profile, Inverted, Shielded, All Panel Grounding Tabs, 6/2
0438600006 MOLEX6-0438600006 Datasheet
668Kb / 7P
   Modular Jack, Right Angle, Low Profile, Inverted, Shielded, All Panel Grounding Tabs, 6/4
0438600014 MOLEX6-0438600014 Datasheet
668Kb / 7P
   Modular Jack, Right Angle, Low Profile, Inverted, Shielded, Offset Panel Grounding Tabs, 6/6
0443800006 MOLEX6-0443800006 Datasheet
620Kb / 7P
   Modular Jack, Right Angle, Low Profile, Inverted, 6/4, Shielded, with All Panel Grounding Tabs
0443801012 MOLEX6-0443801012 Datasheet
620Kb / 7P
   Modular Jack, Right Angle, Low Profile, Inverted, 6/4, Shielded, with All Panel Grounding Tabs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com