Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0442820010 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0442820010
Description  Modular Jack, Right Angle, Low Profile, Shielded, SMT, 8/8
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX6 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

0442820010 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0442820010 Datasheet HTML 1Page - Molex Electronics Ltd. 0442820010 Datasheet HTML 2Page - Molex Electronics Ltd. 0442820010 Datasheet HTML 3Page - Molex Electronics Ltd. 0442820010 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0442820010
Status:
Active
Overview:
modular_plugs_jacks
Description:
Modular Jack, Right Angle, Low Profile, Shielded, SMT, 8/8
Documents:
3D Model
Product Specification PS-43743-0001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E107635
General
Product Family
Modular Jacks/Plugs
Series
44282
Component Type
PCB Jack
Magnetic
No
Overview
modular_plugs_jacks
Performance Category
3
Power over Ethernet (PoE)
N/A
Product Name
RJ45
Physical
Color - Resin
Black
Durability (mating cycles max)
500
Flammability
94V-0
Inverted / Top Latch
No
Lightpipes/LEDs
None
Material - Metal
Brass, Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Orientation
Right Angle (Side Entry)
PCB Retention
None
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Embossed Tape on Reel
Panel Mount
N/A
Plating min: Mating (µin)
50
Plating min: Mating (µm)
1.25
Plating min: Termination (µin)
100
Plating min: Termination (µm)
2.5
Ports
1
Positions / Loaded Contacts
8/8
Surface Mount Compatible (SMC)
N/A
Temperature Range - Operating
-40°C to +80°C
Termination Interface: Style
Surface Mount
Wire/Cable Type
N/A
Electrical
Current - Maximum per Contact
1.5A
Grounding to Panel
None
Shielded
Yes
Voltage - Maximum
125V
Solder Process Data
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
44282Series
Mates With
FCC 68 Plugs


Similar Part No. - 0442820010

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0442820001 MOLEX6-0442820001 Datasheet
216Kb / 4P
   Modular Jack, Right Angle, Low Profile, Shielded, SMT, 8/8
0442820001 MOLEX1-0442820001_17 Datasheet
35Kb / 2P
   Modular Jack, Right Angle, Low Profile, Shielded, Surface Mount, 8/8
0442820004 MOLEX6-0442820004 Datasheet
216Kb / 4P
   Modular Jack, Right Angle, Low Profile, Shielded, SMT, 8/8
0442820007 MOLEX6-0442820007 Datasheet
216Kb / 4P
   Modular Jack, Right Angle, Low Profile, Shielded, SMT, 8/8
More results

Similar Description - 0442820010

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0442821004 MOLEX6-0442821004 Datasheet
216Kb / 4P
   Modular Jack, Right Angle, Low Profile, Shielded, SMT, 8/8
0855425001 MOLEX9-0855425001 Datasheet
129Kb / 3P
   Modular Jack, Right Angle, Low Profile, Shielded, SMT, 8/8
0442820001 MOLEX6-0442820001 Datasheet
216Kb / 4P
   Modular Jack, Right Angle, Low Profile, Shielded, SMT, 8/8
0442820007 MOLEX6-0442820007 Datasheet
216Kb / 4P
   Modular Jack, Right Angle, Low Profile, Shielded, SMT, 8/8
0442820004 MOLEX6-0442820004 Datasheet
216Kb / 4P
   Modular Jack, Right Angle, Low Profile, Shielded, SMT, 8/8
0855025008 MOLEX9-0855025008 Datasheet
142Kb / 4P
   Modular Jack, Right Angle, Low Profile, SMT, 8/8
0441440003 MOLEX6-0441440003 Datasheet
230Kb / 4P
   Modular Jack, Right Angle, Low Profile, SMT, 8/8
0437438101 MOLEX6-0437438101 Datasheet
228Kb / 4P
   Modular Jack, Right Angle, Low Profile, SMT, 8/8
0446610021 MOLEX1-0446610021_18 Datasheet
35Kb / 2P
   Modular Jack, Right Angle, Low Profile, Shielded, 8/8
0955406886 MOLEX11-0955406886 Datasheet
136Kb / 3P
   Modular Jack, Right Angle, Shielded, Low Profile, 8/8
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com