Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

47571-0001 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 47571-0001
Description  1.10mm (.043") Pitch microSD Card Header with Detect Switch, Height 2.30mm (.091"), Lead Free
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX6 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

47571-0001 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  47571-0001 Datasheet HTML 1Page - Molex Electronics Ltd. 47571-0001 Datasheet HTML 2Page - Molex Electronics Ltd. 47571-0001 Datasheet HTML 3Page - Molex Electronics Ltd. 47571-0001 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 03/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0475710001
Status:
Active
Description:
1.10mm (.043") Pitch microSD Card Header with Detect Switch, Height 2.30mm (.091"),
Lead Free
Documents:
3D Model
Product Specification PS-47309-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Memory Card Sockets
Series
47571
Button Type
Push-Pull
Comments
<LI>Push-Pull Type
Component Type
I/O Header (Card)
Product Name
microSD Card, TransFlash
Type
N/A
Physical
Card Detection Switch
Yes
Circuits (Loaded)
8
Circuits (maximum)
8
Color - Resin
Black
Durability (mating cycles max)
10,000
Ejector Button Side
No Ejector Button Present
Entry Angle
90° Angle
Keying to Mating Part
Yes
Material - Metal
Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Nickel
Material - Resin
High Temperature Thermoplastic
PCB Locator
No
PCB Mounting Side
Reverse
PCB Retention
Yes
Packaging Type
Embossed Tape on Reel
Pitch - Mating Interface (in)
0.043 In
Pitch - Mating Interface (mm)
1.10 mm
Pitch - Term. Interface (in)
0.043 In
Pitch - Term. Interface (mm)
1.10 mm
Plating min: Mating (µin)
29.5
Plating min: Mating (µm)
0.75
Plating min: Termination (µin)
49.2
Plating min: Termination (µm)
1.25
Ports
1
Temperature Range - Operating
-40°C to +85°C
Termination Interface: Style
Surface Mount
Electrical
Current - Maximum per Contact
0.5A
Shielded
Yes
Voltage - Maximum
5V
Solder Process Data
Duration at Max. Process Temperature (seconds)
20
Lead-free Process Capability
Reflow Capable (SMT only)
Max. Cycles at Max. Process Temperature
2
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
47571Series
Mates With
Standard SIM Card
Use With
microSD Card


Similar Part No. - 47571-0001

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
4757 VCC-4757 Datasheet
103Kb / 1P
   Lens Retainer Clip
logo
Molex Electronics Ltd.
47578-0001 MOLEX-47578-0001 Datasheet
112Kb / 2P
   Camera Sockets
47578-0001 MOLEX6-47578-0001 Datasheet
289Kb / 5P
   Camera Socket for Mobile Phone, Top Mount, 6x6 Camera Module
475790001 MOLEX6-475790001 Datasheet
165Kb / 4P
   1.10mm (.043") Pitch microSD Card Header with Detect Switch, Height 2.55mm (.100"), with Locating Pegs, Lead Free
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com