Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KS9286B Datasheet(PDF) 2 Page - Samsung semiconductor

Part # KS9286B
Description  DIGITAL SIGNAL PROCESSOR for CDP
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KS9286B Datasheet(HTML) 2 Page - Samsung semiconductor

  KS9286B Datasheet HTML 1Page - Samsung semiconductor KS9286B Datasheet HTML 2Page - Samsung semiconductor KS9286B Datasheet HTML 3Page - Samsung semiconductor KS9286B Datasheet HTML 4Page - Samsung semiconductor KS9286B Datasheet HTML 5Page - Samsung semiconductor KS9286B Datasheet HTML 6Page - Samsung semiconductor KS9286B Datasheet HTML 7Page - Samsung semiconductor KS9286B Datasheet HTML 8Page - Samsung semiconductor KS9286B Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
DIGITAL SIGNAL PROCESSOR for CDP
KS9286B/KS9286B-L
2
BLOCK DIAGRAM
EFM
PHAS E
DETECTOR
DIG I TAL
PLL
CLV
SERVO
CPU
INTERFACE
MODE
SELECTOR
SUBCODE
SYNC
DETECTOR
23BI T
SHIFT
REG IS TER
FRAME SYNC
DETECTOR
PROTECTOR
INSE RTOR
X-TAL
TIMING
GENERATOR
TRACK
COUNTER
DIG I TAL
OUTPUT
SUBCODE
OUTPUT
EFM
DEMODULATOR
ADDRES S
GENERATOR
16K
SRAM
ECC
INTERPO LATOR
DIG I TAL
FILTER
& DE-EMPH
D/A
CONVE RTER
SUBCODE-Q
REG IS TER
66
5
3
4
2
72
73
75
76
70
9
8
37
38
36
69
68
30
29
17
EFMI
CNTVOL
DPFIN
DPFOUT
DPDO
SMEF
SMON
SMDP
SMDS
LOCK
XOUT
XIN
MDAT
MCK
MLT
TRCNT
/ISTAT
22
SQDT
SQCK
LRCHO
ADATAO
BCKO
BCKI
ADATAI
LRCHI
EMPH
VREFL1
VREFH1
24
80
67
77
14
12
11


Similar Part No. - KS9286B

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KS9282B SAMSUNG-KS9282B Datasheet
603Kb / 29P
   CMOS INTEGRATED CIRCUIT
KS9287 SAMSUNG-KS9287 Datasheet
213Kb / 29P
   DIGITAL SIGNAL PROCESSOR
More results

Similar Description - KS9286B

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S5L986F01 SAMSUNG-S5L986F01 Datasheet
599Kb / 35P
   DIGITAL SIGNAL PROCESSOR FOR CDP
logo
New Japan Radio
NJU26124 NJRC-NJU26124 Datasheet
278Kb / 22P
   Digital Signal Processor for TV
logo
Samsung semiconductor
S5L986F02 SAMSUNG-S5L986F02 Datasheet
480Kb / 35P
   DIGITAL SIGNAL PROCESSOR FOR DISCMAN
logo
New Japan Radio
NJU26120 NJRC-NJU26120 Datasheet
192Kb / 10P
   Digital Signal Processor for TV
NJU26123 NJRC-NJU26123 Datasheet
215Kb / 19P
   Digital Signal Processor for TV
logo
Hitachi Semiconductor
HD49235FS HITACHI-HD49235FS Datasheet
192Kb / 41P
   Digital Signal Processor for CD
logo
New Japan Radio
NJU26040-08B NJRC-NJU26040-08B Datasheet
192Kb / 9P
   Digital Signal Processor for TV
logo
Texas Instruments
SMJ320C30 TI-SMJ320C30 Datasheet
726Kb / 47P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C32 TI-TMS320C32 Datasheet
645Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320VC33 TI-TMS320VC33 Datasheet
654Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com