Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

43915-1121 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 43915-1121
Description  10.00mm (.394") Pitch Mini-Fit Sr. Header, Dual Row, Vertical, Surface Mount Compatible, with Solderable
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX6 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

43915-1121 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  43915-1121 Datasheet HTML 1Page - Molex Electronics Ltd. 43915-1121 Datasheet HTML 2Page - Molex Electronics Ltd. 43915-1121 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 04/21/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0439151121
Status:
Active
Description:
10.00mm (.394") Pitch Mini-Fit Sr.™ Header, Dual Row, Vertical, Surface Mount
Compatible, with Solderable Retention Clip, 10 Circuits, 2.36mm (.093") PCB
Thickness, Tin (Sn) Plating
Documents:
3D Model
Product Specification PS-42815-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
TUV
R9950481
UL
E29179
General
Product Family
PCB Headers
Series
43915
Application
Wire-to-Board
Comments
High Temperature|Solder Type
Product Name
Mini-Fit Sr.™
Physical
Breakaway
No
Circuits (Loaded)
10
Circuits (maximum)
10
Color - Resin
Black
First Mate / Last Break
No
Flammability
94V-0
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Metal
Brass
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Number of Rows
2
Orientation
Vertical
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness Recommended (in)
0.093 In
PCB Thickness Recommended (mm)
2.40 mm
Packaging Type
Tray
Pitch - Mating Interface (in)
0.394 In
Pitch - Mating Interface (mm)
10.00 mm
Plating min: Mating (µin)
100
Plating min: Mating (µm)
2.50
Plating min: Termination (µin)
100
Plating min: Termination (µm)
2.50
Polarized to PCB
Yes
Shrouded
Fully
Stackable
No
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
-40°C to +105°C
Termination Interface: Style
Through Hole
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
43915Series
Mates With
43914 Mini-Fit Sr.™ Receptacle Housing


Similar Part No. - 43915-1121

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
43915 MOLEX-43915 Datasheet
158Kb / 2P
   10.00mm (.393") Pitch Mini-Fit, Sr.?
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com