Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KS88C2416 Datasheet(PDF) 5 Page - Samsung semiconductor

Part No. KS88C2416
Description  KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-progr
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KS88C2416 Datasheet(HTML) 5 Page - Samsung semiconductor

  KS88C2416 Datasheet HTML 1Page - Samsung semiconductor KS88C2416 Datasheet HTML 2Page - Samsung semiconductor KS88C2416 Datasheet HTML 3Page - Samsung semiconductor KS88C2416 Datasheet HTML 4Page - Samsung semiconductor KS88C2416 Datasheet HTML 5Page - Samsung semiconductor KS88C2416 Datasheet HTML 6Page - Samsung semiconductor KS88C2416 Datasheet HTML 7Page - Samsung semiconductor KS88C2416 Datasheet HTML 8Page - Samsung semiconductor KS88C2416 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
KS88C2416/P2416/C2432/P2432
PRODUCT OVERVIEW
1-5
PIN DESCRIPTIONS
Table 1-1. KS88C2416/2432 Pin Descriptions
Pin
Names
Pin
Type
Pin
Description
Circuit
Type
Pin
Numbers (note)
Share
Pins
P0.0–P0.7
I/O
I/O port with bit programmable pins;
Schmitt trigger input or output mode
selected by software; software assignable
pull-up. P0.0–P0.7 can be used as inputs
for external interrupts INT0–INT7
(with noise filter and interrupt control).
D–4
20–27
INT0–INT7
P1.0–1.7
I/O
I/O port with bit programmable pins; Input
or output mode selected by software;
Open-drain output mode can be selected
by software; software assignable pull-up.
Alternately P1.0–P1.7 can be used as SI,
SO, SCK, BUZ, T1CAP, T1CLK, T1OUT,
T1PWM
E–2
28-35
SI, SO, SCK,
BUZ, T1CAP
T1CLK
T1OUT
T1PWM
P2.0–P2.7
I/O
I/O port with bit programmable pins;
normal input and AD input or output mode
selected by software; software assignable
pull-up.
F–10
F–18
36–42,
43
ADC0–ADC6
VVLDREF
(ADC7)
P3.0–P3.4
I/O
I/O port with bit programmable pins. Input
or push-pull output with software
assignable pull-up. Alternately P3.0–P3.3
can be used as TACAP, TACLK, TAOUT,
TAPWM, TBPWM
D–2
7–11
TACAP
TACLK
TAOUT
TAPWM
TBPWM
P4.0–P4.7
I/O
I/O port with bit programmable pins.
Push-pull or open drain output and input
with software assignable pull-up.
P4.0–P4.7 can alternately be used as
outputs for LCD SEG
H–14
71–78
SEG16–SEG23
P5.0–P5.7
I/O
Have the same characteristic as port 4
H–14
79–6
SEG24–SEG31


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
KS88C01016 KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-progr 1  2  3  4  5  More Samsung semiconductor
KS88C0916 KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-progr 1  2  3  4  5  More Samsung semiconductor
KS88C2064 KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-progr 1  2  3  4  5  More Samsung semiconductor
KS88C2148 KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-progr 1  2  3  4  5  More Samsung semiconductor
KS88C01416 KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-progra 1  2  3  4  5  More Samsung semiconductor
KS88C6108 SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-progr 1  2  3  4  5  More Samsung semiconductor
KS86C4302 SAM87Ri family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-pr 1  2  3  4  5  More Samsung semiconductor
KS86C6308 SAM88RCRI family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask- 1  2  3  4  5  More Samsung semiconductor
KS86C6404 SAM87RI family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-pr 1  2  3  4  5  More Samsung semiconductor
KS88C0716 SAM87 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-prog 1  2  3  4  5  More Samsung semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn