Electronic Components Datasheet Search |
|
0473140053 Datasheet(PDF) 1 Page - Molex Electronics Ltd. |
|
0473140053 Datasheet(HTML) 1 Page - Molex Electronics Ltd. |
1 / 5 page This document was generated on 06/01/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 0473140053 Status: Active Description: 1.00mm (.039") Pitch ExpressCard* Header, Top Mount, with Push-Push (Card Push) Mechanism, Lead free Documents: 3D Model Product Specification PS-47202-001 (PDF) Drawing (PDF) RoHS Certificate of Compliance (PDF) General Product Family Memory Card Sockets Series 47314 Button Type Push-Push Component Type Header/Socket (Host) Product Name ExpressCard* Type N/A Physical Card Detection Switch No Circuits (Loaded) 26 Circuits (maximum) 26 Durability (mating cycles max) 10,000 Ejector Button Side No Ejector Button Present Entry Angle Horizontal Keying to Mating Part Yes PCB Locator Yes PCB Mounting Side Normal PCB Retention Yes Packaging Type Embossed Tape on Reel Pitch - Mating Interface (in) 0.039 In Pitch - Mating Interface (mm) 1.00 mm Pitch - Term. Interface (in) 0.039 In Pitch - Term. Interface (mm) 1.00 mm Ports 1 Temperature Range - Operating 0°C to +55°C Electrical Current - Maximum per Contact 0.75A Shielded No Voltage - Maximum 3.3V DC Voltage Key N/A Material Info Reference - Drawing Numbers Packaging Specification PK-47314-003 Product Specification PS-47202-001 Sales Drawing SD-47314-002 * ExpressCard is trademark, or registered trademark of PCMCIA Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 47314Series Mates With ExpressCard* Module Use With 473149054 Card Ejector This document was generated on 06/01/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Similar Part No. - 0473140053 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |