Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KS88C2148 Datasheet(PDF) 31 Page - Samsung semiconductor

Part # KS88C2148
Description  KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-progr
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KS88C2148 Datasheet(HTML) 31 Page - Samsung semiconductor

Back Button KS88C2148 Datasheet HTML 26Page - Samsung semiconductor KS88C2148 Datasheet HTML 27Page - Samsung semiconductor KS88C2148 Datasheet HTML 28Page - Samsung semiconductor KS88C2148 Datasheet HTML 29Page - Samsung semiconductor KS88C2148 Datasheet HTML 30Page - Samsung semiconductor KS88C2148 Datasheet HTML 31Page - Samsung semiconductor KS88C2148 Datasheet HTML 32Page - Samsung semiconductor KS88C2148 Datasheet HTML 33Page - Samsung semiconductor KS88C2148 Datasheet HTML 34Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 31 / 34 page
background image
KS88C2148/P2148
KS88P2148 OTP
20-5
Table 20-4. D.C. Electrical Characteristics
(T
A = – 40
°C to + 85°C, V
DD = 2.0 V to 5.5 V)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Operating Voltage
V
DD
f
OSC = 8 MHz
(Instruction clock = 1.33 MHz)
2.2
5.5
V
f
OSC = 6 MHz
(Instruction clock = 1 MHz)
2.0
Input High
voltage
V
IH1
P0 and P1
0.7 V
DD
V
DD
V
V
IH2
RESET, P2, P3, P4, and P5
0.8 V
DD
V
DD
V
IH3
X
IN, XTIN
V
DD – 0.1
V
DD
Input Low voltage
V
IL1
P0 and P1
0
0.3 V
DD
V
IL2
RESET, P2, P3, P4, and P5
0.2 V
DD
V
IL3
X
IN, XTIN
0.1
Output High
voltage
V
OH
V
DD = 3 V; IOH = – 200 µA
All output pins
V
DD – 1.0
Output Low
voltage
V
OL
V
DD = 3 V; IOL= 1 mA
All output pins
0.4
1.0
Input High
leakage current
I
LIH1
V
IN = VDD
All input pins except those specified
below for I
LIH2
1
µA
I
LIH2
V
IN = VDD
X
IN, XOUT, XTIN, and XTOUT
20
Input Low
leakage current
I
LIL1
V
IN = 0 V
All input pins except those specified
below for I
LIL2 and RESET
– 1
I
LIL2
V
IN = 0 V
X
IN, XOUT, XTIN, and XTOUT
– 20
Output High
leakage current
I
LOH
V
OUT = VDD
All output pins
1
Output Low
leakage current
I
LOL
V
OUT = 0 V
All output pins
– 1
|V
DDCOMi|
voltage drop
(i = 0-7)
V
DC
V
DD = 2.7 V to 5.5 V
– 15
µA per common pin
120
mV
|V
DDSEGx|
voltage drop
(x = 0-31)
V
DS
V
LCD = 2.7 V to 5.5 V
– 15
µA per segment pin
120


Similar Part No. - KS88C2148

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KS88C2064 SAMSUNG-KS88C2064 Datasheet
156Kb / 22P
   KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-progr
KS88C2416 SAMSUNG-KS88C2416 Datasheet
208Kb / 32P
   KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-progr
KS88C2432 SAMSUNG-KS88C2432 Datasheet
208Kb / 32P
   KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-progr
More results

Similar Description - KS88C2148

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KS88C2064 SAMSUNG-KS88C2064 Datasheet
156Kb / 22P
   KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-progr
KS88C2416 SAMSUNG-KS88C2416 Datasheet
208Kb / 32P
   KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-progr
KS88C0916 SAMSUNG-KS88C0916 Datasheet
379Kb / 32P
   KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-progr
KS88C01016 SAMSUNG-KS88C01016 Datasheet
117Kb / 18P
   KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-progr
KS88C01416 SAMSUNG-KS88C01416 Datasheet
291Kb / 34P
   KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals and various mask-progra
KS88C6108 SAMSUNG-KS88C6108 Datasheet
260Kb / 26P
   SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-progr
KS86C6308 SAMSUNG-KS86C6308 Datasheet
193Kb / 28P
   SAM88RCRI family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-
KS88C0716 SAMSUNG-KS88C0716 Datasheet
229Kb / 30P
   SAM87 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-prog
KS86C4004 SAMSUNG-KS86C4004 Datasheet
250Kb / 34P
   SAM87Ri family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-pr
KS86C6404 SAMSUNG-KS86C6404 Datasheet
193Kb / 28P
   SAM87RI family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-pr
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com