Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KS88C2148 Datasheet(PDF) 23 Page - Samsung semiconductor

Part No. KS88C2148
Description  KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-progr
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KS88C2148 Datasheet(HTML) 23 Page - Samsung semiconductor

Back Button KS88C2148 Datasheet HTML 19Page - Samsung semiconductor KS88C2148 Datasheet HTML 20Page - Samsung semiconductor KS88C2148 Datasheet HTML 21Page - Samsung semiconductor KS88C2148 Datasheet HTML 22Page - Samsung semiconductor KS88C2148 Datasheet HTML 23Page - Samsung semiconductor KS88C2148 Datasheet HTML 24Page - Samsung semiconductor KS88C2148 Datasheet HTML 25Page - Samsung semiconductor KS88C2148 Datasheet HTML 26Page - Samsung semiconductor KS88C2148 Datasheet HTML 27Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
KS88C2148/P2148
ELECTRICAL DATA
17-11
Table 17-9. Main Oscillation Stabilization Time
(T
A = – 40
°C + 85°C, V
DD = 2.0 V to 5.5 V)
Oscillator
Test Condition
Min
Typ
Max
Unit
Crystal
fx > 400 kHz
20
ms
Ceramic
Oscillation stabilization occurs when V
DD is equal
to the minimum oscillator voltage range.
10
ms
External clock
X
IN input High and Low width (tXH, tXL)
25
500
ns
XIN
tXL
tXH
1 / f x
VDD – 0.1 V
0.1 V
Figure 17-6. Clock Timing Measurement at X
IN
Table 17-10. Sub Oscillation Stabilization Time
(T
A = – 40
°C + 85°C, V
DD = 2.0 V to 5.5 V)
Oscillator
Test Condition
Min
Typ
Max
Unit
Crystal
10
s
External clock
XT
IN input High and Low width (tXH, tXL)
1
18
µs
XTIN
tXTL
tXTH
1 / f xt
VDD – 0.1 V
0.1 V
Figure 17-7. Clock Timing Measurement at XT
IN


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
KS88C01016 KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-progr 1  2  3  4  5  More Samsung semiconductor
KS88C0916 KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-progr 1  2  3  4  5  More Samsung semiconductor
KS88C2064 KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-progr 1  2  3  4  5  More Samsung semiconductor
KS88C2416 KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-progr 1  2  3  4  5  More Samsung semiconductor
KS88C01416 KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-progra 1  2  3  4  5  More Samsung semiconductor
KS88C6108 SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-progr 1  2  3  4  5  More Samsung semiconductor
KS86C4302 SAM87Ri family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-pr 1  2  3  4  5  More Samsung semiconductor
KS86C6308 SAM88RCRI family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask- 1  2  3  4  5  More Samsung semiconductor
KS86C6404 SAM87RI family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-pr 1  2  3  4  5  More Samsung semiconductor
KS88C0716 SAM87 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-prog 1  2  3  4  5  More Samsung semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn