Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KS88C0716 Datasheet(PDF) 3 Page - Samsung semiconductor

Part No. KS88C0716
Description  SAM87 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-prog
Download  30 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SAMSUNG [Samsung semiconductor]
Homepage  http://www.samsung.com/Products/Semiconductor
Logo 

KS88C0716 Datasheet(HTML) 3 Page - Samsung semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
KS88C0716/P0716
PRODUCT OVERVIEW
1-3
Table 1-1. Comparison Table
Feature
KS88C0116
KS88C0716
Core
SAM8
SAM87
ROM
16 K bytes
Same
RAM
272 bytes
Same
I/O
54
56 (add two pins)
Port 6
Open drain (9 V drive)
Normal C-MOS output
I/O option
None
Same
Timer
8-bit back-up timer
None
Timer A, B
— 8-bit
— Interval/PWM mode
— Timer A match interrupt
Same
(some differ in interval mode,
see manual)
Timer C, D
— Gate function
— Timer/counter
Same
Watchdog timer
None
Watchdog timer (with BT)
SIO
UART
— 8-bit/9-bit UART
— SIO
Same
Interrupt
External
× 12
— P2.4–P2.7, P4.0–P4.7
Same
Internal
× 6
— Timer A, C, D, SI, SO, Back-up
Internal
× 5
— Timer A, C, D, SI, SO
Power down
Stop/idle
Same
Oscillator
Crystal, ceramic
Same
CPU clock divider
1/2
1/1, 1/2, 1/8, 1/16
Execution time (Min.)
0.6
µs at 20 MHz (f
CPU = 10 MHz)
0.5
µs at 12 MHz (f
CPU = 12 MHz)
Operating frequency
Max. 20 MHz (fCPU = 10 MHz)
Max. 12 MHz (at 4.5 V) (2)
Max. 4 MHz (at 2.7 V)
Operating voltage
4.5–5.5 V
2.7–5.5 V at 4 MHz
4.5–5.5 V at 12 MHz
OTP/MTP
MTP
OTP
Pin assignment
Different
Package
64SDIP/64QFP
Same
Start address
0020h
0100h
P5CON, P6CON
BANK0
BANK1
Interrupt pending bit clear
Write "1"
Write "0"
NOTES:
1.
The KS88C0716 can replace the KS88C0116. Their functions are mostly the same, but there are some differences.
Table 1-1 shows the comparison of KS88C0716 and KS88C0116.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
KS86C4302SAM87Ri family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-pr 1 2 3 4 5 MoreSamsung semiconductor
KS86C6308SAM88RCRI family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask- 1 2 3 4 5 MoreSamsung semiconductor
KS86C6404SAM87RI family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-pr 1 2 3 4 5 MoreSamsung semiconductor
KS88C4404new SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-p 1 2 3 4 5 MoreSamsung semiconductor
KS88C4504new SAM87RC family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mas 1 2 3 4 5 MoreSamsung semiconductor
KS88C4616new SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-p 1 2 3 4 5 MoreSamsung semiconductor
KS88C4708new SAM87RC family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mas 1 2 3 4 5 MoreSamsung semiconductor
KS86C4004SAM87Ri family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-pr 1 2 3 4 5 MoreSamsung semiconductor
KS88C6108SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-progr 1 2 3 4 5 MoreSamsung semiconductor
KS86C4204SAM87Ri family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-pr 1 2 3 4 5 MoreSamsung semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn