Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KS88C01416 Datasheet(PDF) 2 Page - Samsung semiconductor

Part No. KS88C01416
Description  KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals and various mask-progra
Download  34 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SAMSUNG [Samsung semiconductor]
Homepage  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KS88C01416 Datasheet(HTML) 2 Page - Samsung semiconductor

  KS88C01416 Datasheet HTML 1Page - Samsung semiconductor KS88C01416 Datasheet HTML 2Page - Samsung semiconductor KS88C01416 Datasheet HTML 3Page - Samsung semiconductor KS88C01416 Datasheet HTML 4Page - Samsung semiconductor KS88C01416 Datasheet HTML 5Page - Samsung semiconductor KS88C01416 Datasheet HTML 6Page - Samsung semiconductor KS88C01416 Datasheet HTML 7Page - Samsung semiconductor KS88C01416 Datasheet HTML 8Page - Samsung semiconductor KS88C01416 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
PRODUCT OVERVIEW
KS88C01416/P01416/C01424/P01424 (Preliminary Spec)
1-2
FEATURES
CPU
SAM87 CPU core
Memory
16-Kbyte internal program memory (ROM):
KS88C01416
24-Kbyte internal program memory (ROM):
KS88C01424
256-byte internal (RAM): 8000–80FFH
Data memory: 317-byte internal register file
Instruction Set
78 instructions
IDLE and STOP instructions added for power-
down modes
Instruction Execution Time
750 ns at 8 MHz fOSC (minimum)
Interrupts
Six interrupt levels and 18 interrupt sources
15 vectors (14 sources have a dedicated vector
address and four sources share a single vector)
Fast interrupt processing feature (for one
selected interrupt level)
I/O Ports
Three 8-bit I/O ports (P0–P2) and one 2-bit port
(P3) for a total of 26 bit-programmable pins
Twelve input pins for external interrupts
Timers and Timer/Counters
One programmable 8-bit basic timer (BT) for
oscillation stabilization control or watchdog timer
(software reset) function
One 8-bit timer/counter (Timer 0) with three
operating modes; Interval, Capture, and PWM
One 16-bit timer/counter (Timer 1) with two
operating modes; Interval and Capture
Carrier Frequency Generator
One 8-bit counter with auto-reload function and
one-shot or repeat control (Counter A)
Back-up mode
When reset pin is low level or when VDD is lower
than VLVD, the chip enters back-up mode to
reduce current consumption.
Low Voltage Detect Circuit
Low voltage detect for reset or back-up mode
input.
Low level detect voltage :
2.2 V (Typ) –100 mV/+ 200 mV
Operating Temperature Range
•– 40°C to + 85°C
Operating Voltage Range
2.0 V to 5.5 V at 4 MHz fOSC
2.1 V to 5.5 V at 8 MHz fOSC
Package Type
32-pin SOP
32-pin SDIP
40-pin DIP


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
KS88C01016KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-progr 1 2 3 4 5 MoreSamsung semiconductor
KS88C0916KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-progr 1 2 3 4 5 MoreSamsung semiconductor
KS88C2064KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-progr 1 2 3 4 5 MoreSamsung semiconductor
KS88C2148KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-progr 1 2 3 4 5 MoreSamsung semiconductor
KS88C2416KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-progr 1 2 3 4 5 MoreSamsung semiconductor
KS86C4302SAM87Ri family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-pr 1 2 3 4 5 MoreSamsung semiconductor
KS86C6308SAM88RCRI family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask- 1 2 3 4 5 MoreSamsung semiconductor
KS86C6404SAM87RI family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-pr 1 2 3 4 5 MoreSamsung semiconductor
KS88C0716SAM87 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-prog 1 2 3 4 5 MoreSamsung semiconductor
KS88C4404new SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-p 1 2 3 4 5 MoreSamsung semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn