Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KS88C01416 Datasheet(PDF) 14 Page - Samsung semiconductor

Part # KS88C01416
Description  KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals and various mask-progra
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KS88C01416 Datasheet(HTML) 14 Page - Samsung semiconductor

Back Button KS88C01416 Datasheet HTML 10Page - Samsung semiconductor KS88C01416 Datasheet HTML 11Page - Samsung semiconductor KS88C01416 Datasheet HTML 12Page - Samsung semiconductor KS88C01416 Datasheet HTML 13Page - Samsung semiconductor KS88C01416 Datasheet HTML 14Page - Samsung semiconductor KS88C01416 Datasheet HTML 15Page - Samsung semiconductor KS88C01416 Datasheet HTML 16Page - Samsung semiconductor KS88C01416 Datasheet HTML 17Page - Samsung semiconductor KS88C01416 Datasheet HTML 18Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
ELECTRICAL DATA
KS88C01416/P01416/C01424/P01424 (Preliminary Spec)
14-4
Table 14-2. D.C. Electrical Characteristics (Concluded)
(TA = – 40°C to + 85°C, VDD = 2 V to 5.5 V)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Supply current
(note)
IDD1
Operating mode
VDD = 5 V ± 10%
8 MHz crystal
6
11
mA
4 MHz crystal
4.5
9
IDD2
Idle mode
VDD = 5 V ± 10%
8 MHz crystal
1.8
3.5
4 MHz crystal
1.6
3
IDD3
Stop mode
VDD = 6.0 V
20
35
µA
VDD = 5.5 V
18
25
VDD = 3.3 V
12
15
VDD = 0.7 V
1.0
1.5
NOTE:
Supply current does not include the current drawn through internal pull-up resistors or external output current loads.
Table 14-3. Characteristics of Low Voltage Detect Circuit
(TA = – 40 °C to + 85 °C)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Hysteresys Voltage of
LVD(Slew Rate of LVD)
∆V
LVDCON = 10001111B
10
100
mV
Low level detect voltage
VLVD
LVDCON = 10001111B
2.10
2.20
2.40
V
NOTE: The reset values of bit 1 and bit 0 are in a unknown status, so is recommended to input the value #8FH in LVDCON
for typical VLVD (2.2 V –100/+200 mV).
Table 14-4. Data Retention Supply Voltage in Stop Mode
(TA = – 40 °C to + 85 °C)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Data retention supply
voltage
VDDDR
1.0
5.5
V
Data retention supply
current
IDDDR
VDDDR = 1.0 V
Stop mode
1
µA


Similar Part No. - KS88C01416

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KS88C01004 SAMSUNG-KS88C01004 Datasheet
117Kb / 18P
   KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-progr
KS88C01008 SAMSUNG-KS88C01008 Datasheet
117Kb / 18P
   KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-progr
KS88C01016 SAMSUNG-KS88C01016 Datasheet
117Kb / 18P
   KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-progr
KS88C01104 SAMSUNG-KS88C01104 Datasheet
117Kb / 18P
   KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-progr
KS88C01108 SAMSUNG-KS88C01108 Datasheet
117Kb / 18P
   KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-progr
More results

Similar Description - KS88C01416

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KS88C2148 SAMSUNG-KS88C2148 Datasheet
300Kb / 34P
   KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-progr
KS88C2416 SAMSUNG-KS88C2416 Datasheet
208Kb / 32P
   KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-progr
KS88C01016 SAMSUNG-KS88C01016 Datasheet
117Kb / 18P
   KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-progr
KS88C2064 SAMSUNG-KS88C2064 Datasheet
156Kb / 22P
   KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-progr
KS88C0916 SAMSUNG-KS88C0916 Datasheet
379Kb / 32P
   KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-progr
KS86C6308 SAMSUNG-KS86C6308 Datasheet
193Kb / 28P
   SAM88RCRI family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-
KS88C0716 SAMSUNG-KS88C0716 Datasheet
229Kb / 30P
   SAM87 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-prog
KS86C4004 SAMSUNG-KS86C4004 Datasheet
250Kb / 34P
   SAM87Ri family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-pr
KS86C6404 SAMSUNG-KS86C6404 Datasheet
193Kb / 28P
   SAM87RI family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-pr
KS88C6108 SAMSUNG-KS88C6108 Datasheet
260Kb / 26P
   SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-progr
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com