Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KS88C01416 Datasheet(PDF) 5 Page - Samsung semiconductor

Part No. KS88C01416
Description  KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals and various mask-progra
Download  34 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SAMSUNG [Samsung semiconductor]
Homepage  http://www.samsung.com/Products/Semiconductor
Logo 

KS88C01416 Datasheet(HTML) 5 Page - Samsung semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
KS88C01416/P01416/C01424/P01424 (Preliminary Spec)
PRODUCT OVERVIEW
1-5
Table 1-1. Pin Descriptions
Pin
Names
Pin
Type
Pin
Description
Circuit
Type
Pin No.
(32-pin)
Pin No.
(40-pin)
Shared
Functions
P0.0–P0.7
I/O
I/O port with bit-programmable pins.
Configurable to input or push-pull output
mode. Pull-up resistors are assignable by
software. Pins can be assigned individually
as external interrupt inputs with noise filters,
interrupt enable/disable, and interrupt
pending control.
1
9–16
11–14,
17–20
INT0–INT4
P1.0–P1.7
I/O
I/O port with bit-programmable pins.
Configurable to C-MOS input mode or
output mode. Pin circuits are either push-
pull or n-channel open-drain type. Pull-up
resistors are assignable by software.
2
17–24
21–24,
27–30
P2.0–P2.3
P2.4–P2.7
I/O
General-purpose I/O port with bit-
programmable pins. Configurable to C-MOS
input mode, push-pull output mode, or n-
channel open-drain output mode. Pull-up
resistors are assignable by software. Lower
nibble pins, P2.3–P2.0, can be assigned as
external interrupt inputs with noise filters,
interrupt enable/disable, and interrupt
pending control.
3
4
5–8,
25–28
7–10,
31–34
INT5–INT8
P3.0
P3.1
I/O
2-bit I/O port with bit-programmable pins.
Configurable to C-MOS input mode, push-
pull output mode, or n-channel open-drain
output mode. Pull-up resistors are
assignable by software. The two port 3 pins
have high current drive capability.
529
30
37
38
T0PWM/
T0CAP/
T1CAP/
REM/T0CK
XIN, XOUT
System clock input and output pins
2, 3
2, 3
RESET/
BACK-UP
MODE
I
System reset signal input pin and back-up
mode input pin. The pin circuit is a C-MOS
input.
631
39
TEST
I
Test signal input pin (for factory use only;
must be connected to VSS).
–44
VDD
Power supply input pin
32
40
VSS
Ground pin
1
1


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
KS88C01016KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-progr 1 2 3 4 5 MoreSamsung semiconductor
KS88C0916KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-progr 1 2 3 4 5 MoreSamsung semiconductor
KS88C2064KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-progr 1 2 3 4 5 MoreSamsung semiconductor
KS88C2148KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-progr 1 2 3 4 5 MoreSamsung semiconductor
KS88C2416KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-progr 1 2 3 4 5 MoreSamsung semiconductor
KS86C4302SAM87Ri family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-pr 1 2 3 4 5 MoreSamsung semiconductor
KS86C6308SAM88RCRI family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask- 1 2 3 4 5 MoreSamsung semiconductor
KS86C6404SAM87RI family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-pr 1 2 3 4 5 MoreSamsung semiconductor
KS88C0716SAM87 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-prog 1 2 3 4 5 MoreSamsung semiconductor
KS88C4404new SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-p 1 2 3 4 5 MoreSamsung semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn