Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KS8701 Datasheet(PDF) 62 Page - Samsung semiconductor

Part # KS8701
Description  FLEXTM Roaming Decoder II
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KS8701 Datasheet(HTML) 62 Page - Samsung semiconductor

Back Button KS8701 Datasheet HTML 58Page - Samsung semiconductor KS8701 Datasheet HTML 59Page - Samsung semiconductor KS8701 Datasheet HTML 60Page - Samsung semiconductor KS8701 Datasheet HTML 61Page - Samsung semiconductor KS8701 Datasheet HTML 62Page - Samsung semiconductor KS8701 Datasheet HTML 63Page - Samsung semiconductor KS8701 Datasheet HTML 64Page - Samsung semiconductor KS8701 Datasheet HTML 65Page - Samsung semiconductor KS8701 Datasheet HTML 66Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 73 page
background image
KS8701
Appendix A: Application Notes
FLEX
TM Roaming Decoder II
61
BUILDING A FRAGMENTED MESSAGE
The longest message which will fit into a frame is 84 code words total of message data. Three alpha
characters per word yields a maximum message of 252 characters in a frame assuming no other traffic.
Messages longer than this value must be sent as several fragments.
Additional fragments can be expected when the “continue bit” in the 1
st Message Word is set. This causes the
pager to examine every following frame for an additional fragment until the last fragment with the continue bit
reset is found. The only requirement relating to the placement in time of the remaining fragments is that no more
than 32 frames (1 minute) or 128 frames (4 minutes) as indicated by the service provider may pass between
fragment receptions.
Each fragment contains a check sum character to detect errors in the fragment, a fragment number 0, 1, or 2
to detect missing fragments, a message number to identify which message the fragment is a part, and the
continue bit which either indicates that more fragments are in queue or that the last fragment has been received.
The following describes the sequence of events between the Host and the KS8701 required to handle a
fragmented message:
l
The host will receive a vector indicating one of the following types:
V
2V1V0
Type
000
Secure
101
Alphanumeric
110
Hex / Binary
l
The KS8701 will increment the all frame mode counter inside the KS8701 and begin to decode all of the
following frames.
l
The host will receive the Message Packet(s) contained within that frame followed by a Status Packet.
The host must decide based on the Message Packet to return to normal decoding operation. If the
message is indicated as fragmented by the Message Continued Flag “C” being set in the Message
Packet then the host does not decrement the all frame mode counter at this time. The host decrements
the counter if the Message Continued Flag “C” is clear by writing the All Frame Mode Packet to the
KS8701 with the “DAF” bit = 1. If no other fragments, temporary addresses are pending and the FAF bit
is clear in the All Frame Mode Register, then the KS8701 returns to normal operation.
l
The KS8701 continues to decode all of the frames and passes any address information, vector
information and message information to the host followed by a status packet indicating the end of the
frame. If the message is indicated as fragmented by the Message Continued Flag “C” in the Message
Packet then the host remains in the receive mode expecting more information from the KS8701.
l
After the host receives the second and subsequent fragment with the Message Continued Flag “C” = 1,
it should decrement the all frame mode counter by sending an All Frame Mode Packet to the KS8701
with the “DAF” bit = 1. Alternatively, the host may choose to decrement the counter at the end of the
entire message by decrementing the counter once for each fragment received.


Similar Part No. - KS8701

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KS8721B MICREL-KS8721B Datasheet
201Kb / 32P
   2.5V 10/100BasTX/FX MII Physical Layer Transceiver
KS8721B MICREL-KS8721B Datasheet
2Mb / 32P
   2.5V 10/100BasTX/FX MII Physical Layer Transceiver
KS8721BI MICREL-KS8721BI Datasheet
201Kb / 32P
   2.5V 10/100BasTX/FX MII Physical Layer Transceiver
KS8721BL MICREL-KS8721BL Datasheet
61Kb / 2P
   3.3V 10/100 BASE-TX/FX PHYSICAL LAYER TRANSCEIVER
KS8721BL MICREL-KS8721BL Datasheet
317Kb / 35P
   3.3V Single Power Supply 10/100BASE-TX/FX MII Physical Layer Transceiver
More results

Similar Description - KS8701

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCD5013 PHILIPS-PCD5013 Datasheet
270Kb / 76P
   FLEX roaming decoder II
1999 Apr 12
logo
Samsung semiconductor
S5T8701 SAMSUNG-S5T8701 Datasheet
506Kb / 70P
   FLEX ROAMING DECODER II
logo
Motorola, Inc
MMC2080 MOTOROLA-MMC2080 Datasheet
768Kb / 34P
   Integrated Processor with Roaming FLEX Decoder
logo
Samsung semiconductor
DS_S5T8702 SAMSUNG-DS_S5T8702 Datasheet
444Kb / 62P
   FEEX ALPHANUMERIC DECODER II
logo
New Japan Radio
NJU26203A NJRC-NJU26203A Datasheet
215Kb / 11P
   Dolby Pro Logic II Decoder
logo
Integrated Device Techn...
NW6003 IDT-NW6003 Datasheet
306Kb / 21P
   TYPE II CALLER ID DECODER
logo
New Japan Radio
NJU26203 NJRC-NJU26203 Datasheet
209Kb / 11P
   Dolby Pro Logic II Decoder
logo
Integrated Device Techn...
NW6005AS IDT-NW6005AS Datasheet
313Kb / 20P
   ENHANCED TYPE II CALLER ID DECODER
NW6005 IDT-NW6005 Datasheet
282Kb / 20P
   ENHANCED TYPE II CALLER ID DECODER
logo
ATMEL Corporation
AT83SND1C ATMEL-AT83SND1C_14 Datasheet
462Kb / 42P
   MPEG I/II-Layer 3 Hardwired Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com