Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KS7221D Datasheet(PDF) 2 Page - Samsung semiconductor

Part # KS7221D
Description  VERTICAL DRIVER FOR CCD
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KS7221D Datasheet(HTML) 2 Page - Samsung semiconductor

  KS7221D Datasheet HTML 1Page - Samsung semiconductor KS7221D Datasheet HTML 2Page - Samsung semiconductor KS7221D Datasheet HTML 3Page - Samsung semiconductor KS7221D Datasheet HTML 4Page - Samsung semiconductor KS7221D Datasheet HTML 5Page - Samsung semiconductor KS7221D Datasheet HTML 6Page - Samsung semiconductor KS7221D Datasheet HTML 7Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
KS7221D
VERTICAL DRIVER FOR CCD
PIN DESCRIPTION
ABSOLUTE MAXIMUM RATINGS ( Ta = 25
°C )
LOGIC FUNCTION TABLE
Pin
Symbol
I/O
Description
Remark
1
GND
-
Ground control
2
Xsub
I
Output Control (Vsub)
3
XV2
I
Output Control (
ΦV2)
4
XV1
I
Output Control (
ΦV1)
5
XSG1
I
Output Control (
ΦV1)
6
XV3
I
Output Control (
ΦV3)
7
XSG3
I
Output Control (
ΦV3)
8
XV4
I
Output Control (
ΦV4)
9
VCP
I
Power of amp
10
DCIN
I
OP-Amp input (internal pull-down resistor)
11
DCOUT
O
OP-Amp output
12
VHH
-
Power (15V)
13
ΦV4
O
High Voltage Output (2 level :VME, VEE)
14
ΦV3
O
High Voltage Output ( 3 level : VME, VEE, VHH)
15
VME
-
Power (0V)
16
ΦV1
O
High Voltage Output (3 level : VME, VEE, VHH)
17
ΦV2
O
High Voltage Output (2 level : VME, VEE)
18
VEE
-
Power (-8.5V)
19
Vsub
O
High Voltage Output ( 2 level : VEE, VHH)
20
VHH
-
Power (15V)
Characteristics
Symbol
Value
Unit
VEE
0 ~ -10
Supply Voltage
VHH
-0.3 ~ VEE +35
VME
VEE -0.3 ~ 3.0
V
VI
-0.3 ~ VHH +0.3
VCP
-0.3 ~ VEE+35
Output Voltage
ΦV1, ΦV2, ΦV3, ΦV4, ΦVsub
VEE -0.3 ~ VHH +0.3
OP-Amp output Current
IOUT
±5
mA
Operating Temperature
TOPR
-25 ~ +85
Storage Temperature
TSTG
-45 ~ +120
INPUT
OUTPUT
XV1,3
XSG1,3
XV2,4
XSUB
ΦV1, 3
ΦV2, 4
VSUB
L
L
-
-
VHH
-
-
H
L
-
-
Z
-
-
L
H
-
-
VME
-
-
H
H
-
-
VEE
-
-
-
-
L
-
-
VME
-
-
-
H
-
-
VEE
-
-
-
-
L
-
-
VHH
-
-
-
H
-
-
VEE
°C
Input Voltage


Similar Part No. - KS7221D

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KS7212 SAMSUNG-KS7212 Datasheet
201Kb / 18P
   TIMING & SYNC. GENERATOR FOR B/W CCD
KS7214 SAMSUNG-KS7214 Datasheet
539Kb / 36P
   Timing & SYNC. Generator for B/W CCD
More results

Similar Description - KS7221D

ManufacturerPart #DatasheetDescription
logo
NEC
UPD16520A NEC-UPD16520A Datasheet
210Kb / 19P
   VERTICAL DRIVER FOR CCD SENSORS
logo
ON Semiconductor
LV5609V ONSEMI-LV5609V Datasheet
96Kb / 8P
   Vertical Clock Driver for CCD
August, 2013
logo
NEC
UPD16510 NEC-UPD16510 Datasheet
71Kb / 16P
   VERTICAL DRIVER FOR CCD SENSOR
logo
ON Semiconductor
LV5609LP ONSEMI-LV5609LP Datasheet
97Kb / 8P
   Vertical Clock Driver for CCD
August, 2013
logo
Analog Devices
ADDI9023 AD-ADDI9023 Datasheet
189Kb / 12P
   Vertical Driver for CCD Cameras
REV. 0
logo
Renesas Technology Corp
UPD16510A RENESAS-UPD16510A Datasheet
318Kb / 15P
   VERTICAL DRIVER FOR CCD SENSOR
Feb 03, 2011
logo
Sharp Corporation
LR36683N SHARP-LR36683N Datasheet
84Kb / 4P
   Vertical Driver LSI for CCD
logo
NEC
UPD16520 NEC-UPD16520 Datasheet
100Kb / 16P
   VERTICAL DRIVER FOR CCD SENSORS
logo
Sanyo Semicon Device
LV5609LP SANYO-LV5609LP_10 Datasheet
127Kb / 8P
   For CCD Vertical Clock Driver
logo
Agamem Microelectronic ...
AA87221AP AGAMEM-AA87221AP Datasheet
281Kb / 9P
   CCD VERTICAL DRIVER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com