Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0472711009 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0472711009
Description  Lower Inner Shell for DisplayPort* Cable Plug, Nickel overall plating
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX6 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

0472711009 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0472711009 Datasheet HTML 1Page - Molex Electronics Ltd. 0472711009 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Similar Part No. - 0472711009

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0472711004 MOLEX6-0472711004 Datasheet
145Kb / 3P
   Fixed Upper Cover for DisplayPort Cable Plug, Black, UL94V-0
0472711008 MOLEX6-0472711008 Datasheet
114Kb / 3P
   Upper Inner Shell for DisplayPort Cable Plug, Nickel overall plating, with Latch Hole
More results

Similar Description - 0472711009

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0472711008 MOLEX6-0472711008 Datasheet
114Kb / 3P
   Upper Inner Shell for DisplayPort Cable Plug, Nickel overall plating, with Latch Hole
0472713008 MOLEX6-0472713008 Datasheet
115Kb / 3P
   Upper Inner Shell for DisplayPort* Cable Plug, Nickel overall plating, without Latch holes
logo
Japan Aviation Electron...
716T001D00 JAE-716T001D00 Datasheet
121Kb / 1P
   SHELL NICKEL PLATING
logo
Molex Electronics Ltd.
0472710005 MOLEX6-0472710005 Datasheet
83Kb / 2P
   Lower Cover for DisplayPort* Cable Plug, Black, UL94V-0
logo
Japan Aviation Electron...
716H001D13 JAE-716H001D13 Datasheet
126Kb / 1P
   SHELL NICKEL PLATING
logo
Neutrik AG
NP2X NEUTRIK-NP2X Datasheet
61Kb / 3P
   1/4" professional phone plug, 2 pole, nickel contacts, nickel shell
NP3X NEUTRIK-NP3X Datasheet
62Kb / 3P
   3 pole 1/4" professional phone plug, nickel contacts, nickel shell
logo
Molex Electronics Ltd.
0687850001 MOLEX1-0687850001_18 Datasheet
35Kb / 1P
   Mini DisplayPort (Plug)-to-DisplayPort (Plug) Cable Assembly, 1.0m, Lead-Free
0734154492 MOLEX11-0734154492 Datasheet
30Kb / 1P
   75 Ohms, MCX Plug, Straight for RG-179 Cable, Nickel (Ni) Plating, Bulk
0687850005 MOLEX8-0687850005 Datasheet
189Kb / 3P
   Mini DisplayPort*(Plug)-to-Mini DisplayPort*(Plug) Cable Assembly, 1.5m (4.92), Leadfree
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com