Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KS57C5532 Datasheet(PDF) 21 Page - Samsung semiconductor

Part # KS57C5532
Description  The KS57C5532/P5532 single-chip CMOS microcontroller has been designed for high-performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arran
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KS57C5532 Datasheet(HTML) 21 Page - Samsung semiconductor

Back Button KS57C5532 Datasheet HTML 17Page - Samsung semiconductor KS57C5532 Datasheet HTML 18Page - Samsung semiconductor KS57C5532 Datasheet HTML 19Page - Samsung semiconductor KS57C5532 Datasheet HTML 20Page - Samsung semiconductor KS57C5532 Datasheet HTML 21Page - Samsung semiconductor KS57C5532 Datasheet HTML 22Page - Samsung semiconductor KS57C5532 Datasheet HTML 23Page - Samsung semiconductor KS57C5532 Datasheet HTML 24Page - Samsung semiconductor KS57C5532 Datasheet HTML 25Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
KS57C5532/P5532
ELECTRICAL DATA
14-9
Table 14-7. A.C. Electrical Characteristics (Continued)
(TA = – 40 °C to + 85 °C, VDD = 1.8 V to 5.5 V)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Output Delay for
SCK
to SO
tKSO (note)
VDD = 2.7 V to 5.5 V
External SCK source
300
ns
Internal SCK source
250
VDD = 1.8 V to 5.5 V
External SCK source
1000
Internal SCK source
1000
Interrupt Input
High, Low Width
tINTH, tINTL
INT0, INT1, INT2, INT4, KS0–KS7
10
µs
RESET
Input
Low Width
tRSL
Input
10
µs
NOTE:
R (1 k
Ω) and C (100 pF) are the load resistance and load capacitance of the SO output line.
1.5 MHz
CPU Clock
1.05
MHz
0.75 MHz
15.625 kHz
Main Oscillator Frequency
(Divided by 4)
4.2 MHz
3 MHz
6 MHz
1
2
3
4
5
6
7
Supply Voltage (V)
CPU Clock = 1/n x oscillator frequency (n = 4, 8 or 64)
2.7
1.8
Figure 14-1. Standard Operating Voltage Range


Similar Part No. - KS57C5532

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KS57C5204 SAMSUNG-KS57C5204 Datasheet
283Kb / 40P
   The KS57C5204/C5208/C5304/C5308/C5312 single-chip CMOS microcontroller has been designed for highperformance using SAM 47 Samsung Arrangeable Microcon
KS57C5208 SAMSUNG-KS57C5208 Datasheet
283Kb / 40P
   The KS57C5204/C5208/C5304/C5308/C5312 single-chip CMOS microcontroller has been designed for highperformance using SAM 47 Samsung Arrangeable Microcon
KS57C5304 SAMSUNG-KS57C5304 Datasheet
283Kb / 40P
   The KS57C5204/C5208/C5304/C5308/C5312 single-chip CMOS microcontroller has been designed for highperformance using SAM 47 Samsung Arrangeable Microcon
KS57C5308 SAMSUNG-KS57C5308 Datasheet
283Kb / 40P
   The KS57C5204/C5208/C5304/C5308/C5312 single-chip CMOS microcontroller has been designed for highperformance using SAM 47 Samsung Arrangeable Microcon
KS57C5312 SAMSUNG-KS57C5312 Datasheet
283Kb / 40P
   The KS57C5204/C5208/C5304/C5308/C5312 single-chip CMOS microcontroller has been designed for highperformance using SAM 47 Samsung Arrangeable Microcon
More results

Similar Description - KS57C5532

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KS57C3316 SAMSUNG-KS57C3316 Datasheet
361Kb / 58P
   The KS57C3316 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable
KS57C21832 SAMSUNG-KS57C21832 Datasheet
274Kb / 34P
   The KS57C21832 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeabl
KS57C3204 SAMSUNG-KS57C3204 Datasheet
306Kb / 38P
   The KS57C3204 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable
KS57C0404 SAMSUNG-KS57C0404 Datasheet
427Kb / 38P
   The KS57C0404/C0408 single-chip CMOS microcontroller has been designed for very high-performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung
KS57C2916 SAMSUNG-KS57C2916 Datasheet
154Kb / 35P
   The KS57C2916 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable
S3C7324 SAMSUNG-S3C7324 Datasheet
273Kb / 37P
   The S3C7324 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47
S3C70F2 SAMSUNG-S3C70F2 Datasheet
271Kb / 38P
   The S3C70F2/C70F4 single-chip CMOS microcontroller has been designed for high-performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrange
S3C7238 SAMSUNG-S3C7238 Datasheet
295Kb / 36P
   The S3C7238/C7235 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrange
KS57C01502 SAMSUNG-KS57C01502 Datasheet
308Kb / 36P
   The KS57C01502/C01504 single-chip CMOS microcontroller has been designed for high-performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arr
S3C72G9 SAMSUNG-S3C72G9 Datasheet
181Kb / 28P
   The S3C72G9 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable M
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com