Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

KS57C5532 Datasheet(PDF) 2 Page - Samsung semiconductor

Part No. KS57C5532
Description  The KS57C5532/P5532 single-chip CMOS microcontroller has been designed for high-performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arran
Download  38 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SAMSUNG [Samsung semiconductor]
Homepage  http://www.samsung.com/Products/Semiconductor
Logo 

KS57C5532 Datasheet(HTML) 2 Page - Samsung semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
PRODUCT OVERVIEW
KS57C5532/P5532
1-2
FEATURES SUMMARY
Memory
1 K
× 4-bit RAM
32 K
× 8-bit ROM
55 I/O Pins
Input only: 4 pins
I/O: 43 pins
N-channel open-drain I/O (S/W): 8 pins
Memory-Mapped I/O Structure
Data memory bank 15
DTMF Generator
16 dual-tone frequencies for tone dialing
8-bit Basic Timer
Programmable internal timer
Watchdog timer
Two 8-bit Timer/Counters
Programmable interval timer
External event counter function
Timer/counters clock outputs to TCLO0 and
TCLO1 pins
External clock signal divider
Serial I/O interface clock generator
Watch Timer
Time interval generation:
0.5 s, 3.9 ms at 32.768 kHz
4 frequency outputs to the BUZ pin
8-bit Serial I/O Interface
8-bit transmit/receive mode
8-bit receive mode
LSB-first or MSB-first transmission selectable
Bit Sequential Carrier
Supports 8-bit serial data transfer in arbitrary
format
Interrupts
3 external interrupt vectors
4 internal interrupt vectors
2 quasi-interrupts
Power-Down Modes
Idle: Only CPU clock stops
Stop: Main system clock stops
Subsystem clock stop mode
Oscillation Sources
Crystal, ceramic for main system clock
Crystal oscillator for subsystem clock
Main system clock frequency:
3.579545 MHz (typical)
Subsystem clock frequency: 32.768 kHz (typical)
CPU clock divider circuit (by 4, 8, or 64)
Instruction Execution Times
0.67, 1.33, 10.7 µs at 6.0 MHz
1.12, 2.23, 17.88 µs at 3.579545 MHz
122 µs at 32.768 kHz
Operating Temperature
– 40 °C to 85 °C
Operating Voltage Range
1.8 V to 5.5 V (at 3 MHz)
2.7 V to 5.5 V (at 6 MHz)
Package Types
64 SDIP, 64 QFP


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
KS57C01502The KS57C01502/C01504 single-chip CMOS microcontroller has been designed for high-performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arr 1 2 3 4 5 MoreSamsung semiconductor
KS57C0404The KS57C0404/C0408 single-chip CMOS microcontroller has been designed for very high-performance using Samsungs newest 4-bit CPU core SAM47 Samsung 1 2 3 4 5 MoreSamsung semiconductor
S3C7044The S3C7044/C7048 single-chip CMOS microcontroller has been designed for very high-performance using Samsungs newest 4-bit CPU core SAM47 Samsung Ar 1 2 3 4 5 MoreSamsung semiconductor
S3C7515The S3C7515/P7515 single-chip CMOS microcontroller has been designed for high-performance using Samsungs newest 4-bit CPU core SAM47 1 2 3 4 5 MoreSamsung semiconductor
S3C70F2The S3C70F2/C70F4 single-chip CMOS microcontroller has been designed for high-performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arrange 1 2 3 4 5 MoreSamsung semiconductor
S3C7295The S3C7295 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arrangeable M 1 2 3 4 5 MoreSamsung semiconductor
S3C72B5The S3C72B5/C72B7/C72B9 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung A 1 2 3 4 5 MoreSamsung semiconductor
S3C72C8The S3C72C8 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arrangeable M 1 2 3 4 5 MoreSamsung semiconductor
KS57C21116The KS57C21116/C21124/C21132 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Sams 1 2 3 4 5 MoreSamsung semiconductor
S3C72F5The S3C72F5 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arrangeable M 1 2 3 4 5 MoreSamsung semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn