Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KS57C5532 Datasheet(PDF) 6 Page - Samsung semiconductor

Part No. KS57C5532
Description  The KS57C5532/P5532 single-chip CMOS microcontroller has been designed for high-performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arran
Download  38 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SAMSUNG [Samsung semiconductor]
Homepage  http://www.samsung.com/Products/Semiconductor
Logo 

KS57C5532 Datasheet(HTML) 6 Page - Samsung semiconductor

Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
PRODUCT OVERVIEW
KS57C5532/P5532
1-6
PIN DESCRIPTIONS
Table 1-1. KS57C5532/P5532 Pin Descriptions
Pin Name
Pin Type
Description
Number
Share Pin
P0.0
P0.1
P0.2
P0.3
I/O
4-bit I/O port.
1-bit or 4-bit read/write and test is possible.
Individual pins are software configurable as input or
output.
4-bit pull-up resistors are software assignable; pull-up
resistors are automatically disabled for output pins.
15 (8)
14 (7)
13 (6)
12 (5)
SO
SI
BTCO
P1.0
P1.1
P1.2
P1.3
I
4-bit input port.
1-bit and 4-bit read and test is possible.
4-bit pull-up resistors are assignable by software to
port 1.
1 (61)
2 (60)
3 (59)
4 (58)
INT0
INT1
INT2
INT4
P2.0
P2.1
P2.2
P2.3
I/O
Same as port 0.
11 (4)
10 (3)
9 (2)
8 (1)
TCLO0
TCLO1
CLO
BUZ
P3.0
P3.1
P3.2
P3.3
I/O
Same as port 0.
34 (27)
33 (26)
29 (22)
28 (21)
TCL0
TCL1
SCLK (1)
SDAT (1)
P4.0–P4.3
P5.0–P5.3
I/O
4-bit I/O ports.
1-bit and 4-bit read/write and test is possible.
4-bit pull-up resistors are software assignable to input
pins and are automatically disable for output pins.
N-channel open-drain or push-pull output can be
selected by software. Port 4 and 5 can be paired to
support 8-bit data transfer.
38–35
(31–28)
42–39
(35–32)
P6.0–P6.3
P7.0–P7.3
I/O
4-bit I/O ports.
1-bit or 4-bit read/write and test is possible.
Port 6 pins are individually software configurable as
input or output.
4-bit pull-up resistors are software assignable; pull-up
resistors are automatically disabled for output pins.
Ports 6 and 7 can be paired to enable 8-bit data
transfer.
51–48
(44–41)
55–52
(48–45)
KS0–KS3
KS4–KS7
P8.0–P8.3
I/O
Same as port 0.
59–56
(52–49)
P9.0–P9.3
I/O
4-bit I/O port.
1-bit or 4-bit read/write and test is possible.
4-bit pull-up resistors are software assignable; pull-up
resistors are automatically disabled for output pins.
63–60
(56–53)
NOTES
1.
SCLK and SDAT are used for KS57P5532 only.
2.
Parentheses indicate pin number for 64 QFP package.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
KS57C01502The KS57C01502/C01504 single-chip CMOS microcontroller has been designed for high-performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arr 1 2 3 4 5 MoreSamsung semiconductor
KS57C0404The KS57C0404/C0408 single-chip CMOS microcontroller has been designed for very high-performance using Samsungs newest 4-bit CPU core SAM47 Samsung 1 2 3 4 5 MoreSamsung semiconductor
S3C7044The S3C7044/C7048 single-chip CMOS microcontroller has been designed for very high-performance using Samsungs newest 4-bit CPU core SAM47 Samsung Ar 1 2 3 4 5 MoreSamsung semiconductor
S3C7515The S3C7515/P7515 single-chip CMOS microcontroller has been designed for high-performance using Samsungs newest 4-bit CPU core SAM47 1 2 3 4 5 MoreSamsung semiconductor
S3C70F2The S3C70F2/C70F4 single-chip CMOS microcontroller has been designed for high-performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arrange 1 2 3 4 5 MoreSamsung semiconductor
S3C7295The S3C7295 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arrangeable M 1 2 3 4 5 MoreSamsung semiconductor
S3C72B5The S3C72B5/C72B7/C72B9 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung A 1 2 3 4 5 MoreSamsung semiconductor
S3C72C8The S3C72C8 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arrangeable M 1 2 3 4 5 MoreSamsung semiconductor
KS57C21116The KS57C21116/C21124/C21132 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Sams 1 2 3 4 5 MoreSamsung semiconductor
S3C72F5The S3C72F5 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arrangeable M 1 2 3 4 5 MoreSamsung semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn