Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KS57C5204 Datasheet(PDF) 25 Page - Samsung semiconductor

Part # KS57C5204
Description  The KS57C5204/C5208/C5304/C5308/C5312 single-chip CMOS microcontroller has been designed for highperformance using SAM 47 Samsung Arrangeable Microcon
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KS57C5204 Datasheet(HTML) 25 Page - Samsung semiconductor

Back Button KS57C5204 Datasheet HTML 21Page - Samsung semiconductor KS57C5204 Datasheet HTML 22Page - Samsung semiconductor KS57C5204 Datasheet HTML 23Page - Samsung semiconductor KS57C5204 Datasheet HTML 24Page - Samsung semiconductor KS57C5204 Datasheet HTML 25Page - Samsung semiconductor KS57C5204 Datasheet HTML 26Page - Samsung semiconductor KS57C5204 Datasheet HTML 27Page - Samsung semiconductor KS57C5204 Datasheet HTML 28Page - Samsung semiconductor KS57C5204 Datasheet HTML 29Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
KS57C5204/C5208/P5208/C5304/C5308/P5308/C5312/P5312MECHANICAL DATA
14-1
14
MECHANICAL DATA
OVERVIEW
The KS57C5204/C5208 microcontroller are available in a 42-pin SDIP package (42-SDIP-600), and a 44-pin QFP
package (44-QFP-1010B). The KS57C5304/C5308/C5312 microcontrollers are available in a 30-pin SDIP
package (30-SDIP-400) and a 32-pin SOP package (32-SOP-450A).
NOTE :
Dimensions are in millimeters.
39.50 MAX
39.10 ± 0.2
0.50 ± 0.1
1.778
(1.77)
42-SDIP-600
0-15
1.00 ± 0.1
#42
#22
#21
#1
Figure 14-1. 42-SDIP-600 Package Dimensions


Similar Part No. - KS57C5204

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KS57C5404 SAMSUNG-KS57C5404 Datasheet
228Kb / 28P
   The KS57C5404 single-chip CMOS microcontroller is designed for high-performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable Micro
KS57C5532 SAMSUNG-KS57C5532 Datasheet
363Kb / 38P
   The KS57C5532/P5532 single-chip CMOS microcontroller has been designed for high-performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arran
KS57C5616 SAMSUNG-KS57C5616 Datasheet
357Kb / 42P
   The KS57C5616/P5616 single-chip CMOS microcontroller is designed for high performance in the application for Caller-ID, Telephone using Samsungs newes
More results

Similar Description - KS57C5204

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3C7524 SAMSUNG-S3C7524 Datasheet
226Kb / 34P
   The S3C7524/C7528/C7534/C7538 single-chip CMOS microcontroller has been designed for high-performance using SAM 47
KS57C3316 SAMSUNG-KS57C3316 Datasheet
361Kb / 58P
   The KS57C3316 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable
KS57C3204 SAMSUNG-KS57C3204 Datasheet
306Kb / 38P
   The KS57C3204 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable
KS57C2916 SAMSUNG-KS57C2916 Datasheet
154Kb / 35P
   The KS57C2916 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable
S3C72G9 SAMSUNG-S3C72G9 Datasheet
181Kb / 28P
   The S3C72G9 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable M
S3C72I9 SAMSUNG-S3C72I9 Datasheet
218Kb / 32P
   The S3C72I9 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable M
S3C7295 SAMSUNG-S3C7295 Datasheet
207Kb / 31P
   The S3C7295 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable M
S3C72C8 SAMSUNG-S3C72C8 Datasheet
237Kb / 37P
   The S3C72C8 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable M
S3C72F5 SAMSUNG-S3C72F5 Datasheet
263Kb / 41P
   The S3C72F5 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable M
S3C72P9 SAMSUNG-S3C72P9 Datasheet
1Mb / 225P
   SINGLE-CHIP MICROCONTROLLER HAS BEEN DESIGNED FOR HIGH PERFORMANCE USING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com