Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KS57C4104 Datasheet(PDF) 2 Page - Samsung semiconductor

Part No. KS57C4104
Description  The KS57C4104/KS57C4204/KS57C4304 single-chip CMOS microcontroller has been designed for very high performance using Samsungs newest 4-bit CPU core, S
Download  52 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SAMSUNG [Samsung semiconductor]
Homepage  http://www.samsung.com/Products/Semiconductor
Logo 

KS57C4104 Datasheet(HTML) 2 Page - Samsung semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 2 / 52 page
background image
PRODUCT OVERVIEW
KS57C4104/P4104/C4204/P4204/C4304/P4304
1-2
FEATURES SUMMARY
Memory
256
× 4-bit RAM
4,096
× 8-bit ROM
35 I/O Pins
I/O: 31 pins including 8 LED direct drive pins
(KS57C4104/C4304)
18 pins including 8 LED direct drive pins
(KS57C4204)
Input only: 4 pins
A/D Converter
6-channel with 8-bit resolution
22.89 µs conversion speed at 4.19 MHz
Basic Timer
One 8-bit basic timer
Watchdog timer functions
Four interval clock selection
Timer/Counters
Two 8-bit timer/counter (TC0, TC1)
Programmable 8-bit timer
External event counter
Arbitrary clock frequency output
PWM output mode (TC1)
Watch Timer
One watch timer 8-bit
Time interval generation: 0.5 s, 3.9 ms at
4.19 MHz
Four frequency outputs to BUZ pin
8-bit Serial I/O Interface
8-bit transmit/receive mode
8-bit receive mode
LSB-first or MSB-first transmission selectable
Internal or external clock source
Built-in reset circuit (KS57C4304 only)
Built-in power-on reset circuit
Interrupts
Five internal vectored interrupts
(INTB, INTT0, INTT1, INTS, INTAD)
Three external vectored interrupts
(INT0, INT1, INT4)
Two quasi-interrupts (INT2, INTW)
Bit Sequential Carrier
Supports 16-bit serial data transfer in
arbitrary format
Memory-Mapped I/O Structure
Data memory bank 15
Two Power-Down Modes
Idle mode (only CPU clock stops)
Stop mode (system oscillation stops)
Oscillation Sources
Crystal, Ceramic, or RC for system clock
Crystal, Ceramic: 0.4–6.0 MHz
RC: 4 MHz (typ)
CPU clock divider circuit (by 4, 8, or 64)
Instruction Execution Times
0.95, 1.91, 15.3 µs at 4.19 MHz
0.67, 1.33, 10.7 µs at 6.0 MHz
Operating Temperature
– 40 °C to 85 °C
Operating Voltage Range
1.8 V to 5.5 V (KS57C4104/C4204)
2.5 V to 5.5 V (KS57C4304)
Package Type
42-pin SDIP, 44-pin QFP (KS57C4104/C4304)
30-pin SDIP, 28-pin SOP (KS57C4204)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
S3C7414The S3C7414/C7424/C7434 single-chip CMOS microcontroller has been designed for very high performance using Samsungs newest 4-bit CPU core SAM47 1 2 3 4 5 MoreSamsung semiconductor
S3C7295The S3C7295 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arrangeable M 1 2 3 4 5 MoreSamsung semiconductor
S3C72B5The S3C72B5/C72B7/C72B9 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung A 1 2 3 4 5 MoreSamsung semiconductor
S3C72C8The S3C72C8 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arrangeable M 1 2 3 4 5 MoreSamsung semiconductor
KS57C21116The KS57C21116/C21124/C21132 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Sams 1 2 3 4 5 MoreSamsung semiconductor
S3C72F5The S3C72F5 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arrangeable M 1 2 3 4 5 MoreSamsung semiconductor
KS57C21832The KS57C21832 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arrangeabl 1 2 3 4 5 MoreSamsung semiconductor
S3C72G9The S3C72G9 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arrangeable M 1 2 3 4 5 MoreSamsung semiconductor
KS57C2916The KS57C2916 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arrangeable 1 2 3 4 5 MoreSamsung semiconductor
KS57C3204The KS57C3204 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arrangeable 1 2 3 4 5 MoreSamsung semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn