Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KS57C4104 Datasheet(PDF) 5 Page - Samsung semiconductor

Part No. KS57C4104
Description  The KS57C4104/KS57C4204/KS57C4304 single-chip CMOS microcontroller has been designed for very high performance using Samsungs newest 4-bit CPU core, S
Download  52 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SAMSUNG [Samsung semiconductor]
Homepage  http://www.samsung.com/Products/Semiconductor
Logo 

KS57C4104 Datasheet(HTML) 5 Page - Samsung semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 5 / 52 page
background image
KS57C4104/P4104/C4204/P4204/C4304/P4304
ELECTRICAL DATA
14-3
Table 14-2. KS57C4104/C4204 D.C. Electrical Characteristics
(T
A = – 40
°C to + 85 °C, V
DD = 1.8 V to 5.5 V)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Input High
Voltage
V
IH1
All input pins except those specified
below for VIH2–VIH3
0.7 V
DD
V
DD
V
V
IH2
Ports 0, 1, 3, 6 and RESET
0.8 V
DD
V
DD
V
IH3
X
IN, XOUT
V
DD – 0.1
V
DD
Input Low
Voltage
V
IL1
All input pins except those specified
below for VIL2–VIL3
0.3 V
DD
V
V
IL2
Ports 0, 1, 3, 6 and RESET
0.2 V
DD
V
IL3
X
IN, XOUT
0.1
Output High
Voltage
V
OH
VDD = 4.5 V to 5.5 V
I
OH = – 1 mA
Ports 0, 2–8
V
DD – 1.0
V
Output Low
Voltage
V
OL
VDD = 4.5 V to 5.5 V
I
OL = 15 mA
Ports 4 and 5 only
0.4
2
V
I
OL = 4 mA
All output ports except ports 4 and 5
0.2
Input High
Leakage Current
I
LIH1
V
I = VDD
All input pins except those specified
below for ILIH2
3
µA
I
LIH2
V
I = VDD
X
IN and XOUT only
20
Input Low
Leakage Current
I
LIL1
V
I = 0 V
All input pins except X
IN and XOUT,
RESET
– 3
µA
I
LIL2
V
I = 0 V
X
IN and XOUT only
– 20
Output High
Leakage Current
I
LOH
V
O = VDD
All output pins
3
µA
Output Low
Leakage Current
I
LOL
V
O = 0 V
All output pins
– 3
µA
Pull-up Resistor
R
L1
V
I = 0 V; VDD = 5 V except RESET
25
50
100
k
V
I = 0 V; VDD = 3 V except RESET
50
100
200
Pull-up Resistor
R
L2
V
I = 0 V; VDD = 5 V; RESET
100
250
400
k
V
I = 0 V; VDD = 3 V; RESET
200
500
800


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
S3C7414The S3C7414/C7424/C7434 single-chip CMOS microcontroller has been designed for very high performance using Samsungs newest 4-bit CPU core SAM47 1 2 3 4 5 MoreSamsung semiconductor
S3C7295The S3C7295 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arrangeable M 1 2 3 4 5 MoreSamsung semiconductor
S3C72B5The S3C72B5/C72B7/C72B9 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung A 1 2 3 4 5 MoreSamsung semiconductor
S3C72C8The S3C72C8 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arrangeable M 1 2 3 4 5 MoreSamsung semiconductor
KS57C21116The KS57C21116/C21124/C21132 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Sams 1 2 3 4 5 MoreSamsung semiconductor
S3C72F5The S3C72F5 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arrangeable M 1 2 3 4 5 MoreSamsung semiconductor
KS57C21832The KS57C21832 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arrangeabl 1 2 3 4 5 MoreSamsung semiconductor
S3C72G9The S3C72G9 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arrangeable M 1 2 3 4 5 MoreSamsung semiconductor
KS57C2916The KS57C2916 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arrangeable 1 2 3 4 5 MoreSamsung semiconductor
KS57C3204The KS57C3204 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arrangeable 1 2 3 4 5 MoreSamsung semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn