Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

0462070004 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part No. 0462070004
Description  4.20mm (.165") Pitch Mini-Fit RTC™ Reflow High Temperature Compatible Header,Dual Row, Vertical, 4 Circuits, 1.57mm (.062") PCB Thickness, with PCB Pegs, LCP Housing, with Tin (Sn) Over Nickel (Ni) Plating
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOLEX6 [Molex Electronics Ltd.]
Homepage  http://www.molex.com
Logo 

0462070004 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Polarized to PCB
Yes
Shrouded
Fully
Stackable
No
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
-40°C to +105°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
13A
Voltage - Maximum
600V AC (RMS)/DC
Solder Process Data
Duration at Max. Process Temperature (seconds)
30
Lead-free Process Capability
SMC & Wave Capable (TH only)
Max. Cycles at Max. Process Temperature
3
Process Temperature max. C
260
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-46207-001
Product Specification
PS-46207-001
Sales Drawing
SD-46207-001
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn