Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

0462070004 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part No. 0462070004
Description  4.20mm (.165") Pitch Mini-Fit RTC™ Reflow High Temperature Compatible Header,Dual Row, Vertical, 4 Circuits, 1.57mm (.062") PCB Thickness, with PCB Pegs, LCP Housing, with Tin (Sn) Over Nickel (Ni) Plating
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOLEX6 [Molex Electronics Ltd.]
Homepage  http://www.molex.com
Logo 

0462070004 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0462070004
Status:
Active
Description:
4.20mm (.165") Pitch Mini-Fit RTC™ Reflow High Temperature Compatible Header,
Dual Row, Vertical, 4 Circuits, 1.57mm (.062") PCB Thickness, with PCB Pegs, LCP
Housing, with Tin (Sn) Over Nickel (Ni) Plating
Documents:
3D Model
Product Specification PS-46207-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Headers
Series
46207
Application
Board-to-Board, Wire-to-Board
Comments
Current = 13A max. per circuit when header is mated
to a receptacle loaded with 45750 Mini-Fit Plus HCS™
Crimp Terminal Crimpted to to 16 AWG wire. . See
Molex product specification PS-45750-001 for additional
current de-rating information.
MolexKits
Yes
Product Name
Mini-Fit RTC™
Physical
Breakaway
No
Circuits (Loaded)
4
Circuits (maximum)
4
Color - Resin
Black
Durability (mating cycles max)
75
First Mate / Last Break
No
Flammability
94V-0
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Metal
Brass
Material - Plating Mating
Tin
Material - Plating Termination
Nickel
Material - Resin
High Temperature Thermoplastic
Number of Rows
2
Orientation
Vertical
PC Tail Length (in)
0.144 In
PC Tail Length (mm)
3.66 mm
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.57 mm
Packaging Type
Tray
Pitch - Mating Interface (in)
0.165 In
Pitch - Mating Interface (mm)
4.20 mm
Pitch - Term. Interface (in)
0.165 In
Pitch - Term. Interface (mm)
4.20 mm
Polarized to Mating Part
Yes
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
46207Series
Mates With
45750 , 5557 Mini Fit Jr.™ Receptacle


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn