Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

KS57C3316 Datasheet(PDF) 3 Page - Samsung semiconductor

Part No. KS57C3316
Description  The KS57C3316 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable
Download  58 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SAMSUNG [Samsung semiconductor]
Homepage  http://www.samsung.com/Products/Semiconductor
Logo 

KS57C3316 Datasheet(HTML) 3 Page - Samsung semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 3 / 58 page
background image
KS57C3316/P3316 (Preliminary Spec)
PRODUCT OVERVIEW
1-3
FEATURES (Continued)
Interrupts
Four internal vectored interrupts
Four external vectored interrupts
Two quasi-interrupts
Memory-Mapped I/O Structure
Data memory bank 15
Three Power-Down Modes
Idle: Only CPU clock stops
Stop1: Main system or subsystem clock stops
Stop2: Main system and subsystem clock stop
CE low: PLL and IFC stop
Oscillation Sources
Crystal or ceramic oscillator for main system
clock
Crystal for subsystem clock
Main system clock frequency: 4.5 MHz (Typ)
Subsystem clock frequency: 32.768 kHz (Typ)
CPU clock divider circuit (by 4, 8, or 64)
Instruction Execution Times
0.9, 1.8, 14.2
µs at 4.5 MHz
122
µs at 32.768 kHz (subsystem)
Operating Temperature
– 40 °C to 85 °C
Operating Voltage Range
1.8 V to 5.5 V at 3MHz
PLL/IFC operation: 2.5V to 3.5V or 4.0V to 5.5V
Package Type
80-pin QFP


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
S3C7295The S3C7295 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arrangeable M 1 2 3 4 5 MoreSamsung semiconductor
S3C72C8The S3C72C8 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arrangeable M 1 2 3 4 5 MoreSamsung semiconductor
S3C72F5The S3C72F5 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arrangeable M 1 2 3 4 5 MoreSamsung semiconductor
S3C72G9The S3C72G9 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arrangeable M 1 2 3 4 5 MoreSamsung semiconductor
KS57C2916The KS57C2916 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arrangeable 1 2 3 4 5 MoreSamsung semiconductor
KS57C3204The KS57C3204 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arrangeable 1 2 3 4 5 MoreSamsung semiconductor
S3C72I9The S3C72I9 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arrangeable M 1 2 3 4 5 MoreSamsung semiconductor
S3C72B5The S3C72B5/C72B7/C72B9 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung A 1 2 3 4 5 MoreSamsung semiconductor
KS57C21116The KS57C21116/C21124/C21132 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Sams 1 2 3 4 5 MoreSamsung semiconductor
KS57C21832The KS57C21832 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arrangeabl 1 2 3 4 5 MoreSamsung semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn