Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KS57C3204 Datasheet(PDF) 5 Page - Samsung semiconductor

Part No. KS57C3204
Description  The KS57C3204 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable
Download  38 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SAMSUNG [Samsung semiconductor]
Homepage  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KS57C3204 Datasheet(HTML) 5 Page - Samsung semiconductor

  KS57C3204 Datasheet HTML 1Page - Samsung semiconductor KS57C3204 Datasheet HTML 2Page - Samsung semiconductor KS57C3204 Datasheet HTML 3Page - Samsung semiconductor KS57C3204 Datasheet HTML 4Page - Samsung semiconductor KS57C3204 Datasheet HTML 5Page - Samsung semiconductor KS57C3204 Datasheet HTML 6Page - Samsung semiconductor KS57C3204 Datasheet HTML 7Page - Samsung semiconductor KS57C3204 Datasheet HTML 8Page - Samsung semiconductor KS57C3204 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
KS57C3204/P3204
PRODUCT OVERVIEW
1-5
PIN DESCRIPTIONS
Table 1-1. KS57C3204 Pin Descriptions
Pin Name
Pin
Type
Description
Number
Share
Pin
Reset
Value
Circuit
Type
P1.0
P1.1
P1.2
P1.3
I/O
4-bit I/O port.
1-bit or 4-bit read, write, and test are
possible. Each pin can be specified as
input or output port. Pull-up resistors can
be configured by software.
17
18
19
20
INT0
INT1
INT2
INT4
Input
D-4
P2.0
P2.1
P2.2
P2.3
I
4-bit input port. 1-bit and 4-bit read and
test are possible.
Pull-up resistors can be configured by
software.
1
2
3
4
FMF
AMF
Input
A-4
A-4
B-4
B-4
P3.0
P3.1
P3.2
P3.3
I
4-bit input port.
1-bit and 4-bit read and test are possible
Pull-up resistors can be configured by
software.
5
6
7
8
ADC0
ADC1
ADC2
ADC3
Input
F-13
P4.0–P4.3
P5.0–P5.3
I/O
4-bit I/O ports. N-channel open-drain
output up to 5 V. 1-bit and 4-bit read,
write, and test are possible. Ports 4 and
5 can be paired to support 8-bit data.
Pull-up resistors can be configured by
software.
21–24
25–28
Input
E-2
P6.0
P6.1
P6.2
P6.3
I/O
1-bit and 4-bit read, write, and test are
possible. Each pin can be specified as
input or output port. Pull-up resistors can
be configured by software.
29
30
31
32
BUZ
KS0
KS1
KS2
Input
D-2
D-4
D-4
D-4
SEG0–SEG19
O
LCD segment signal output
60–41
Output
H-16
P8.0–P8.3
P9.0–P9.3
O
4-bit output ports. 1-bit and 4-bit write
and test are possible. Ports 8 and 9 can
be paired to support 8-bit data.
33–36
37–40
SEG27–
SEG20
Output
H-16
COM0–COM3
O
LCD common signal output
64–61
Output
H-16
V
DD
Main power supply
9
V
SS
Main ground
10
X
OUT, XIN
Crystal, ceramic, or RC oscillator pins for
main system clock. (For external clock
input, use X
IN and input XIN's reverse
phase to X
OUT)
11,12
XT
OUT, XTIN
Crystal oscillator pin for a subsystem
clock. (For external clock input, use XT
IN
and input XT
IN's reverse phase to
XT
OUT)
15,14


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
S3C7295The S3C7295 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arrangeable M 1 2 3 4 5 MoreSamsung semiconductor
S3C72C8The S3C72C8 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arrangeable M 1 2 3 4 5 MoreSamsung semiconductor
S3C72F5The S3C72F5 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arrangeable M 1 2 3 4 5 MoreSamsung semiconductor
S3C72G9The S3C72G9 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arrangeable M 1 2 3 4 5 MoreSamsung semiconductor
KS57C2916The KS57C2916 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arrangeable 1 2 3 4 5 MoreSamsung semiconductor
KS57C3316The KS57C3316 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arrangeable 1 2 3 4 5 MoreSamsung semiconductor
S3C72I9The S3C72I9 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arrangeable M 1 2 3 4 5 MoreSamsung semiconductor
S3C72B5The S3C72B5/C72B7/C72B9 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung A 1 2 3 4 5 MoreSamsung semiconductor
KS57C21116The KS57C21116/C21124/C21132 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Sams 1 2 3 4 5 MoreSamsung semiconductor
KS57C21832The KS57C21832 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arrangeabl 1 2 3 4 5 MoreSamsung semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn