Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KS57C2916 Datasheet(PDF) 34 Page - Samsung semiconductor

Part # KS57C2916
Description  The KS57C2916 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KS57C2916 Datasheet(HTML) 34 Page - Samsung semiconductor

Back Button KS57C2916 Datasheet HTML 27Page - Samsung semiconductor KS57C2916 Datasheet HTML 28Page - Samsung semiconductor KS57C2916 Datasheet HTML 29Page - Samsung semiconductor KS57C2916 Datasheet HTML 30Page - Samsung semiconductor KS57C2916 Datasheet HTML 31Page - Samsung semiconductor KS57C2916 Datasheet HTML 32Page - Samsung semiconductor KS57C2916 Datasheet HTML 33Page - Samsung semiconductor KS57C2916 Datasheet HTML 34Page - Samsung semiconductor KS57C2916 Datasheet HTML 35Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 34 / 35 page
background image
KS57C2916/P2916 MICROCONTROLLER
KS57P2916 OTP
15-3
Table 15-1. Descriptions of Pins Used to Read/Write the EPROM
Main Chip
During Programming
Pin Name
Pin Name
Pin No.
I/O
Function
P0.1
SDAT
10
I/O
Serial data pin. Output port when reading and
input port when writing. Can be assigned as a
Input/push-pull output port.
P0.0
SCLK
11
I/O
Serial clock pin. Input only pin.
TEST
VPP(TEST)
16
I
Power supply pin for EPROM cell writing
(indicates that OTP enters into the writing
mode). When 12.5 V is applied, OTP is in
writing mode and when 5 V is applied, OTP is in
reading mode. (Option)
RESET
RESET
19
I
Chip initialization
VDD/VSS
VDD/VSS
12/13
I
Logic power supply pin. VDD should be tied to
+5 V during programming.
Table 15-2. Comparison of KS57P2916 and KS57C2916 Features
Characteristic
KS57P2916
KS57C2916
Program Memory
16 Kbyte EPROM
16 Kbyte mask ROM
Operating Voltage (VDD)
2.2 V to 3.4 V
2.2 V to 3.4 V
OTP Programming Mode
VDD = 5 V, VPP(TEST)=12.5V
Pin Configuration
80 QFP
80 QFP
EPROM Programmability
User Program 1 time
Programmed at the factory
OPERATING MODE CHARACTERISTICS
When 12.5 V is supplied to the V
PP(TEST) pin of the KS57P2916, the EPROM programming mode is entered.
The operating mode (read, write, or read protection) is selected according to the input signals to the pins listed in
Table 15–3 below.
Table 15-3. Operating Mode Selection Criteria
V
DD
V
PP (TEST)
REG/MEM
Address
(A15–A0)
R/W
Mode
5 V
5 V
0
0000H
1
EPROM read
12.5 V
0
0000H
0
EPROM program
12.5 V
0
0000H
1
EPROM verify
12.5 V
1
0E3FH
0
EPROM read protection
NOTE: "0" means Low level; "1" means High level.


Similar Part No. - KS57C2916

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KS57C21116 SAMSUNG-KS57C21116 Datasheet
208Kb / 38P
   The KS57C21116/C21124/C21132 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Sams
KS57C21124 SAMSUNG-KS57C21124 Datasheet
208Kb / 38P
   The KS57C21116/C21124/C21132 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Sams
KS57C21132 SAMSUNG-KS57C21132 Datasheet
208Kb / 38P
   The KS57C21116/C21124/C21132 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Sams
KS57C21408 SAMSUNG-KS57C21408 Datasheet
238Kb / 30P
   The KS57C21408/C21418/P21408 is a SAM47 core-based 4-bit CMOS single-chip microcontroller. It has a timer/counter and LCD drivers.
KS57C21418 SAMSUNG-KS57C21418 Datasheet
238Kb / 30P
   The KS57C21408/C21418/P21408 is a SAM47 core-based 4-bit CMOS single-chip microcontroller. It has a timer/counter and LCD drivers.
More results

Similar Description - KS57C2916

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KS57C3316 SAMSUNG-KS57C3316 Datasheet
361Kb / 58P
   The KS57C3316 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable
KS57C3204 SAMSUNG-KS57C3204 Datasheet
306Kb / 38P
   The KS57C3204 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable
S3C72G9 SAMSUNG-S3C72G9 Datasheet
181Kb / 28P
   The S3C72G9 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable M
S3C72I9 SAMSUNG-S3C72I9 Datasheet
218Kb / 32P
   The S3C72I9 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable M
S3C7295 SAMSUNG-S3C7295 Datasheet
207Kb / 31P
   The S3C7295 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable M
S3C72C8 SAMSUNG-S3C72C8 Datasheet
237Kb / 37P
   The S3C72C8 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable M
S3C72F5 SAMSUNG-S3C72F5 Datasheet
263Kb / 41P
   The S3C72F5 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable M
KS57C21832 SAMSUNG-KS57C21832 Datasheet
274Kb / 34P
   The KS57C21832 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeabl
KS57C0404 SAMSUNG-KS57C0404 Datasheet
427Kb / 38P
   The KS57C0404/C0408 single-chip CMOS microcontroller has been designed for very high-performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung
S3C7324 SAMSUNG-S3C7324 Datasheet
273Kb / 37P
   The S3C7324 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com