Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KS57C21832 Datasheet(PDF) 6 Page - Samsung semiconductor

Part # KS57C21832
Description  The KS57C21832 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeabl
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KS57C21832 Datasheet(HTML) 6 Page - Samsung semiconductor

Back Button KS57C21832 Datasheet HTML 2Page - Samsung semiconductor KS57C21832 Datasheet HTML 3Page - Samsung semiconductor KS57C21832 Datasheet HTML 4Page - Samsung semiconductor KS57C21832 Datasheet HTML 5Page - Samsung semiconductor KS57C21832 Datasheet HTML 6Page - Samsung semiconductor KS57C21832 Datasheet HTML 7Page - Samsung semiconductor KS57C21832 Datasheet HTML 8Page - Samsung semiconductor KS57C21832 Datasheet HTML 9Page - Samsung semiconductor KS57C21832 Datasheet HTML 10Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
PRODUCT OVERVIEW
KS57C21832/P21832
1-6
Table 1-1. KS57C21832 Pin Descriptions (Continued)
Pin Name
Pin Type
Description
Number
Share Pin
INT2
I
Quasi-interrupt with detection of rising or falling
edges.
25
P1.2
INT4
I
External interrupt with detection of rising or
falling edges.
26
P1.3
CLO
I/O
Clock output .
27
P2.0
LCDCK
I/O
LCD clock output for display expansion.
28
P2.1
LCDSY
I/O
LCD synchronization clock output for display
expansion.
29
P2.2
TCLO0
I/O
Timer/counter 0 clock output.
30
P3.0
TCLO1
I/O
Timer/counter 1 clock output.
31
P3.1
TCL0
I/O
External clock input for timer/counter 0.
32
P3.2
TCL1
I/O
External clock input for timer/counter 1.
33
P3.3
COM0-COM7
O
LCD common signal output.
34-41
COM8-COM11
I/O
42-45
P4.0-P4.3
COM12-COM15
46-49
P5.0-P5.3
SEG0-SEG39
O
LCD segment signal output.
5-1,
100-66
SEG40-SEG43
I/O
65-62
P9.3-P9.0
SEG44-SEG47
61-58
P8.3-P8.0
SEG48-SEG51
57-54
P7.3-P7.0
SEG52-SEG55
53-50
P6.3/K7-P6.0/K4
K0-K3
I/O
External interrupt. The triggering edge is
selectable.
11-14
P0.0-P0.3
K4-K7
50-53
P6.0-P6.3
VDD
Main power supply.
15
VSS
Ground.
16
RESET
I
Reset signal.
22
VLC1-VLC5
LCD power supply.
10-6
Xin, Xout
Crystal, Ceramic or RC oscillator pins for
system clock.
18, 17
XTin, XTout
Crystal oscillator pins for subsystem clock.
20, 21
TEST
I
Test signal input. (must be connected to VSS)
19
NOTE: Pull-up resistors for all I/O ports are automatically disabled if they are configured to output mode.


Similar Part No. - KS57C21832

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KS57C21116 SAMSUNG-KS57C21116 Datasheet
208Kb / 38P
   The KS57C21116/C21124/C21132 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Sams
KS57C21124 SAMSUNG-KS57C21124 Datasheet
208Kb / 38P
   The KS57C21116/C21124/C21132 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Sams
KS57C21132 SAMSUNG-KS57C21132 Datasheet
208Kb / 38P
   The KS57C21116/C21124/C21132 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Sams
KS57C21408 SAMSUNG-KS57C21408 Datasheet
238Kb / 30P
   The KS57C21408/C21418/P21408 is a SAM47 core-based 4-bit CMOS single-chip microcontroller. It has a timer/counter and LCD drivers.
KS57C21418 SAMSUNG-KS57C21418 Datasheet
238Kb / 30P
   The KS57C21408/C21418/P21408 is a SAM47 core-based 4-bit CMOS single-chip microcontroller. It has a timer/counter and LCD drivers.
More results

Similar Description - KS57C21832

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KS57C3316 SAMSUNG-KS57C3316 Datasheet
361Kb / 58P
   The KS57C3316 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable
KS57C3204 SAMSUNG-KS57C3204 Datasheet
306Kb / 38P
   The KS57C3204 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable
KS57C0404 SAMSUNG-KS57C0404 Datasheet
427Kb / 38P
   The KS57C0404/C0408 single-chip CMOS microcontroller has been designed for very high-performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung
KS57C2916 SAMSUNG-KS57C2916 Datasheet
154Kb / 35P
   The KS57C2916 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable
S3C7324 SAMSUNG-S3C7324 Datasheet
273Kb / 37P
   The S3C7324 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47
S3C70F2 SAMSUNG-S3C70F2 Datasheet
271Kb / 38P
   The S3C70F2/C70F4 single-chip CMOS microcontroller has been designed for high-performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrange
S3C7238 SAMSUNG-S3C7238 Datasheet
295Kb / 36P
   The S3C7238/C7235 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrange
KS57C01502 SAMSUNG-KS57C01502 Datasheet
308Kb / 36P
   The KS57C01502/C01504 single-chip CMOS microcontroller has been designed for high-performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arr
S3C72G9 SAMSUNG-S3C72G9 Datasheet
181Kb / 28P
   The S3C72G9 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable M
S3C72I9 SAMSUNG-S3C72I9 Datasheet
218Kb / 32P
   The S3C72I9 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable M
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com