Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

44248-0089 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 44248-0089
Description  Modular Jack, Right Angle, Low Profile, Inverted, 8/8, 2 Ports
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX6 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

44248-0089 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  44248-0089 Datasheet HTML 1Page - Molex Electronics Ltd. 44248-0089 Datasheet HTML 2Page - Molex Electronics Ltd. 44248-0089 Datasheet HTML 3Page - Molex Electronics Ltd. 44248-0089 Datasheet HTML 4Page - Molex Electronics Ltd. 44248-0089 Datasheet HTML 5Page - Molex Electronics Ltd. 44248-0089 Datasheet HTML 6Page - Molex Electronics Ltd. 44248-0089 Datasheet HTML 7Page - Molex Electronics Ltd. 44248-0089 Datasheet HTML 8Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0442480089
Status:
Active
Overview:
modular_plugs_jacks
Description:
Modular Jack, Right Angle, Low Profile, Inverted, 8/8, 2 Ports
Documents:
3D Model
Product Specification PS-43860-003 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E107635
General
Product Family
Modular Jacks/Plugs
Series
44248
Comments
Industry Compatible
Component Type
PCB Jack
Magnetic
No
Overview
modular_plugs_jacks
Performance Category
3
Power over Ethernet (PoE)
N/A
Product Name
RJ45
Physical
Boot Color
N/A
Color - Resin
Black
Durability (mating cycles max)
500
Flammability
94V-0
Inverted / Top Latch
Yes
Lightpipes/LEDs
None
Material - Metal
Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
Polyester
Orientation
Right Angle (Side Entry)
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.57 mm
Packaging Type
Tray
Pitch - Mating Interface (in)
0.040 In
Pitch - Mating Interface (mm)
1.02 mm
Pitch - Term. Interface (in)
0.040 In
Pitch - Term. Interface (mm)
1.02 mm
Plating min: Mating (µin)
50
Plating min: Mating (µm)
1.25
Plating min: Termination (µin)
100
Plating min: Termination (µm)
2.5
Ports
2
Positions / Loaded Contacts
8/8
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-40°C to +85°C
Termination Interface: Style
Through Hole
Waterproof / Dustproof
No
Wire/Cable Type
N/A
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
44248Series


Similar Part No. - 44248-0089

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
44248-0085 MOLEX6-44248-0085 Datasheet
733Kb / 8P
   Modular Jack, Right Angle, Low Profile, Inverted, 8/8, 2 Ports
44248-0086 MOLEX6-44248-0086 Datasheet
733Kb / 8P
   Modular Jack, Right Angle, Low Profile, Inverted, 8/8, 4 Ports
More results

Similar Description - 44248-0089

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0442480085 MOLEX1-0442480085_17 Datasheet
35Kb / 2P
   Modular Jack, Right Angle, Low Profile, Inverted, 8/8, 2 Ports
0442480085 MOLEX6-0442480085 Datasheet
733Kb / 8P
   Modular Jack, Right Angle, Low Profile, Inverted, 8/8, 2 Ports
0442480089 MOLEX1-0442480089_17 Datasheet
35Kb / 2P
   Modular Jack, Right Angle, Low Profile, Inverted, 8/8, 2 Ports
0442480057 MOLEX6-0442480057 Datasheet
733Kb / 8P
   Modular Jack, Right Angle, Low Profile, Inverted, 8/8, 2 Ports
0442480061 MOLEX6-0442480061 Datasheet
733Kb / 8P
   Modular Jack, Right Angle, Low Profile, Inverted, 8/8, 2 Ports
0442480033 MOLEX6-0442480033 Datasheet
733Kb / 8P
   Modular Jack, Right Angle, Low Profile, Inverted, Lightpipes, 8/8, 2 Ports
0442480033 MOLEX1-0442480033_17 Datasheet
35Kb / 2P
   Modular Jack, Right Angle, Low Profile, Inverted, Lightpipes, 8/8, 2 Ports
0442480001 MOLEX6-0442480001 Datasheet
733Kb / 8P
   Modular Jack, Right Angle, Low Profile, Inverted, Lightpipes, 8/8, 2 Ports
0442480029 MOLEX6-0442480029 Datasheet
733Kb / 8P
   Modular Jack, Right Angle, Low Profile, Inverted, Lightpipes, 8/8, 2 Ports
0442480029 MOLEX1-0442480029_17 Datasheet
35Kb / 2P
   Modular Jack, Right Angle, Low Profile, Inverted, Lightpipes, 8/8, 2 Ports
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com