Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KS57C0301 Datasheet(PDF) 2 Page - Samsung semiconductor

Part No. KS57C0301
Description  The KS57C0301/0302 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core.
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KS57C0301 Datasheet(HTML) 2 Page - Samsung semiconductor

  KS57C0301 Datasheet HTML 1Page - Samsung semiconductor KS57C0301 Datasheet HTML 2Page - Samsung semiconductor KS57C0301 Datasheet HTML 3Page - Samsung semiconductor KS57C0301 Datasheet HTML 4Page - Samsung semiconductor KS57C0301 Datasheet HTML 5Page - Samsung semiconductor KS57C0301 Datasheet HTML 6Page - Samsung semiconductor KS57C0301 Datasheet HTML 7Page - Samsung semiconductor KS57C0301 Datasheet HTML 8Page - Samsung semiconductor KS57C0301 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
PRODUCT OVERVIEW
KS57C0301/0302 MICROCONTROLLER
1-
2
FEATURES
Memory
— 1024
× 8-bit program memory (KS57C0301)
(ROM)
— 2048
× 8-bit program memory (KS57C0302)
(ROM)
— 128
× 4-bit data memory (KS57C0301) (RAM)
— 256
× 4-bit data memory (KS57C0302) (RAM)
I/O Pins
— Up to 15 pins for 20-DIP and 20-SOP package
Comparator Inputs
— 4-channel mode
Internal reference: 4-bit resolution
— 3-channel mode
External reference
8-Bit Basic Timer
— Programmable interval timer
8-Bit Timer/Counter
— Programmable interval timer
— External event counter function
— Timer clock output to TIO pin
Watch Timer
— Time interval generation: 0.5 s, 3.9 ms at
4.19 MHz
— Four frequency outputs to BUZ pin
Bit Sequential Carrier
— 16-bit serial data transfer in arbitrary format
8-Bit Serial I/O Interface
— 8-bit transmit/receive mode
— 8-bit receive-only mode
— LSB-first or MSB-first transmission selectable
— Internal or external clock source
Interrupts
— One external interrupt vector
— Three internal interrupt vectors
— Two quasi-interrupts
Memory-Mapped I/O Structure
Two Power-Down Modes
— Idle mode: Only the CPU clock stops
— Stop mode: Main system clock stops
On-Chip Crystal, Ceramic, Or RC Oscillator
— Crystal/ceramic: 4.19 MHz (typical)
— RC: 1 MHz (typical)
— CPU clock divider circuit (by 4, 8, or 64)
Frequency Outputs
— Eight frequency outputs to the CLO pin
Instruction Execution Times
— 0.95, 1.91, 15.3 µs at 4.19 MHz (5 V),
4 µs at 1 MHz (2.7 V)
Operating Temperature:
— – 40°C to 85°C
Operating Voltage Range:
— 2.7 V to 6.0 V
Package Type:
— 20-DIP, 20-SOP


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
S3C7031 The S3C7031/7032 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core. 1  2  3  4  5  More Samsung semiconductor
S3C7295 The S3C7295 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arrangeable M 1  2  3  4  5  More Samsung semiconductor
S3C72B5 The S3C72B5/C72B7/C72B9 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung A 1  2  3  4  5  More Samsung semiconductor
KS57C21116 The KS57C21116/C21124/C21132 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Sams 1  2  3  4  5  More Samsung semiconductor
S3C72C8 The S3C72C8 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arrangeable M 1  2  3  4  5  More Samsung semiconductor
KS57C21832 The KS57C21832 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arrangeabl 1  2  3  4  5  More Samsung semiconductor
S3C72F5 The S3C72F5 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arrangeable M 1  2  3  4  5  More Samsung semiconductor
KS57C2916 The KS57C2916 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arrangeable 1  2  3  4  5  More Samsung semiconductor
S3C72G9 The S3C72G9 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arrangeable M 1  2  3  4  5  More Samsung semiconductor
KS57C3204 The KS57C3204 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arrangeable 1  2  3  4  5  More Samsung semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn