Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KS57C0301 Datasheet(PDF) 4 Page - Samsung semiconductor

Part No. KS57C0301
Description  The KS57C0301/0302 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core.
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KS57C0301 Datasheet(HTML) 4 Page - Samsung semiconductor

  KS57C0301 Datasheet HTML 1Page - Samsung semiconductor KS57C0301 Datasheet HTML 2Page - Samsung semiconductor KS57C0301 Datasheet HTML 3Page - Samsung semiconductor KS57C0301 Datasheet HTML 4Page - Samsung semiconductor KS57C0301 Datasheet HTML 5Page - Samsung semiconductor KS57C0301 Datasheet HTML 6Page - Samsung semiconductor KS57C0301 Datasheet HTML 7Page - Samsung semiconductor KS57C0301 Datasheet HTML 8Page - Samsung semiconductor KS57C0301 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
KS57C2408 MICROCONTROLLER
PRODUCT OVERVIEW
1-
4
PIN ASSIGNMENTS
P0.0/CLO
P0.1/TIO
P0.2/INT1
P0.0/KS0/CIN0
P0.1/KS1/CIN1
P0.2/KS2/CIN2
P0.3/KS3/CIN3
XOUT
XIN
VSS
VDD
P3.3/BUZ
P3.1/SO
P3.2/SI
P3.0/SCK
P2.3
P2.2
P2.1
P2.0
RESET
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
KS57C0301/
KS57C0302
(Top view)
NOTE:
Pin assignments are identical for the 20-pin DIP and SOP package.
Figure 1-2. KS57C0301/0302 Pin Assignment Diagram (20-pin DIP/SOP Package)
PIN DESCRIPTIONS
Table 1-1. KS57C0301/0302 Pin Descriptions
Pin Name
Pin Type
Description
Number
Share Pin
P0.0
P0.1
P0.2
I/O
3-bit I/O port.
1-bit or 3-bit read/write and test is possible.
Pull-up resistors are individually assignable to input
pins by software and are automatically disabled for
output pins.
Pins are individually configurable as input or output.
1
2
3
CLO
TIO
INT1
P1.0
P1.1
P1.2
P1.3
I/O
Same as port 0 except that port 1 is a 4-bit I/O port.
4
5
6
7
KS0/CIN0
KS1/CIN1
KS2/CIN2
KS3/CIN3


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
S3C7031 The S3C7031/7032 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core. 1  2  3  4  5  More Samsung semiconductor
S3C7295 The S3C7295 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arrangeable M 1  2  3  4  5  More Samsung semiconductor
S3C72B5 The S3C72B5/C72B7/C72B9 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung A 1  2  3  4  5  More Samsung semiconductor
KS57C21116 The KS57C21116/C21124/C21132 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Sams 1  2  3  4  5  More Samsung semiconductor
S3C72C8 The S3C72C8 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arrangeable M 1  2  3  4  5  More Samsung semiconductor
KS57C21832 The KS57C21832 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arrangeabl 1  2  3  4  5  More Samsung semiconductor
S3C72F5 The S3C72F5 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arrangeable M 1  2  3  4  5  More Samsung semiconductor
KS57C2916 The KS57C2916 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arrangeable 1  2  3  4  5  More Samsung semiconductor
S3C72G9 The S3C72G9 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arrangeable M 1  2  3  4  5  More Samsung semiconductor
KS57C3204 The KS57C3204 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arrangeable 1  2  3  4  5  More Samsung semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn