Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0444281405 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0444281405
Description  3.00mm (.118") Pitch Micro-Fit 3.0 BMI??Header, Surface Mount Compatible, Dual Row, Right Angle, without Snap-in Plastic Peg PCB Lock, 14 Circuits, 0.38關m (15關")Gold (Au) Selective Plating
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX6 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

0444281405 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0444281405 Datasheet HTML 1Page - Molex Electronics Ltd. 0444281405 Datasheet HTML 2Page - Molex Electronics Ltd. 0444281405 Datasheet HTML 3Page - Molex Electronics Ltd. 0444281405 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 05/24/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0444281405
Status:
Active
Overview:
microfit_30
Description:
3.00mm (.118") Pitch Micro-Fit 3.0 BMI™ Header, Surface Mount Compatible, Dual
Row, Right Angle, without Snap-in Plastic Peg PCB Lock, 14 Circuits, 0.38µm (15µ")
Gold (Au) Selective Plating
Documents:
3D Model
Product Specification PS-44300-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
TUV
R72081037
UL
E29179
General
Product Family
PCB Headers
Series
44428
Application
Board-to-Board, Wire-to-Board
Comments
High Temperature|Square Pin|Solder Type|Polarized to
Mating Part
Overview
microfit_30
Product Name
Micro-Fit 3.0 BMI™
Physical
Breakaway
No
Circuits (Loaded)
14
Circuits (maximum)
14
Color - Resin
Black
Durability (mating cycles max)
30
First Mate / Last Break
No
Flammability
94V-0
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Metal
Brass
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Number of Rows
2
Orientation
Right Angle
PC Tail Length (in)
0.138 In
PC Tail Length (mm)
3.50 mm
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Tray
Pitch - Mating Interface (in)
0.118 In
Pitch - Mating Interface (mm)
3.00 mm
Plating min: Mating (µin)
15
Plating min: Mating (µm)
0.38
Plating min: Termination (µin)
100
Plating min: Termination (µm)
2.54
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
44428Series
Mates With
44133 , 44764 , 44769


Similar Part No. - 0444281405

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0444281401 MOLEX6-0444281401 Datasheet
243Kb / 4P
   3.00mm (.118") Pitch Micro-Fit 3.0 BMI Header, Surface Mount Compatible, Dual Row, Right Angle
0444281402 MOLEX6-0444281402 Datasheet
243Kb / 4P
   3.00mm (.118") Pitch Micro-Fit 3.0 BMI Header, Surface Mount Compatible, Dual Row, Right Angle
0444281403 MOLEX6-0444281403 Datasheet
243Kb / 4P
   3.00mm (.118") Pitch Micro-Fit 3.0 BMI??Header, Surface Mount Compatible, Dual Row, Right Angle, with Snap-in Plastic Peg PCB Lock, 14 Circuits, 0.76關m (30關") Gold (Au) Selective Plating
0444281404 MOLEX6-0444281404 Datasheet
243Kb / 4P
   3.00mm (.118") Pitch Micro-Fit 3.0 BMI??Header, Surface Mount Compatible, Dual Row, Right Angle, without Snap-in Plastic Peg PCB Lock, 14 Circuits, Tin (Sn) Plating
0444281406 MOLEX6-0444281406 Datasheet
243Kb / 4P
   3.00mm (.118") Pitch Micro-Fit 3.0 BMI??Header, Surface Mount Compatible, DualRow, Right Angle, without Snap-in Plastic Peg PCB Lock, 14 Circuits, 0.76關m (30關")
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com