Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KS57C01502 Datasheet(PDF) 2 Page - Samsung semiconductor

Part No. KS57C01502
Description  The KS57C01502/C01504 single-chip CMOS microcontroller has been designed for high-performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arr
Download  36 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SAMSUNG [Samsung semiconductor]
Homepage  http://www.samsung.com/Products/Semiconductor
Logo 

KS57C01502 Datasheet(HTML) 2 Page - Samsung semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
PRODUCT OVERVIEW
KS57C01502/C01504/P01504
1-2
FEATURES SUMMARY
Memory
512
× 4-bit data memory (RAM)
2048
× 8-bit program memory
(ROM):KS57C01502
4096
× 8-bit program memory
(ROM):KS57C01504
24 I/O Pins
••
I/O: 18 pins, including 8 high current pins
Input only: 6 pins
Comparator
4-channel mode:
Internal reference (4-bit resolution)
16-step variable reference voltage
3-channel mode:
External reference
150 mV resolution (worst case)
8-bit Basic Timer
Programmable interval timer
Watch-dog timer
8-bit Timer/Counter 0
Programmable interval timer
External event counter function
Timer/counter clock output to TCLO0 pin
Watch Timer
Time interval generation: 0.5 s, 3.9 ms at 4.19
MHz
4 frequency outputs to BUZ pin
8-bit Serial I/O Interface
8-bit transmit/receive mode
8-bit receive-only mode
LSB-first or MSB-first transmission selectable
Internal or external clock source
Bit Sequential Carrier
Supports 16-bit serial data transfer in arbitrary
format
Interrupts
Two external interrupt vectors
Three internal interrupt vectors
Two quasi-interrupts
Memory-Mapped I/O Structure
Data memory bank 15
Two Power-Down Modes
Idle mode: Only CPU clock stops
Stop mode: System clock stops
OSCILLATION SOURCES
Crystal, Ceramic for system clock
Crystal/ceramic: 0.4 - 6.0 MHz
CPU clock divider circuit (by 4. 8, or 64)
Instruction Execution Times
0.95, 1.91, 15.3 µs at 4.19 MHz
0.67, 1.33, 10.7 µs at 6.0 MHz
Operating Temperature
– 40 °C to 85 °C
Operating Voltage Range
1.8 V to 5.5 V
Package Type
30 SDIP, 32 SOP


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
KS57C0404The KS57C0404/C0408 single-chip CMOS microcontroller has been designed for very high-performance using Samsungs newest 4-bit CPU core SAM47 Samsung 1 2 3 4 5 MoreSamsung semiconductor
KS57C5532The KS57C5532/P5532 single-chip CMOS microcontroller has been designed for high-performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arran 1 2 3 4 5 MoreSamsung semiconductor
S3C7044The S3C7044/C7048 single-chip CMOS microcontroller has been designed for very high-performance using Samsungs newest 4-bit CPU core SAM47 Samsung Ar 1 2 3 4 5 MoreSamsung semiconductor
S3C7515The S3C7515/P7515 single-chip CMOS microcontroller has been designed for high-performance using Samsungs newest 4-bit CPU core SAM47 1 2 3 4 5 MoreSamsung semiconductor
S3C70F2The S3C70F2/C70F4 single-chip CMOS microcontroller has been designed for high-performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arrange 1 2 3 4 5 MoreSamsung semiconductor
S3C7295The S3C7295 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arrangeable M 1 2 3 4 5 MoreSamsung semiconductor
S3C72B5The S3C72B5/C72B7/C72B9 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung A 1 2 3 4 5 MoreSamsung semiconductor
KS57C21116The KS57C21116/C21124/C21132 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Sams 1 2 3 4 5 MoreSamsung semiconductor
S3C72C8The S3C72C8 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arrangeable M 1 2 3 4 5 MoreSamsung semiconductor
KS57C21832The KS57C21832 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arrangeabl 1 2 3 4 5 MoreSamsung semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn